Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP351F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP351F
Description  GaA?밃s IRED Photo IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP351F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP351F Datasheet HTML 1Page - Toshiba Semiconductor TLP351F Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLP351F
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs IRED + Photo IC
TLP351F
Inverter for Air Conditioner
IGBT/Power MOSFET Gate Drive
Industrial Inverter
The TOSHIBA TLP351F consists of a GaAℓAs light emitting diode and a
integrated photodetector.
This unit is 8-lead DIP package.
TLP351F is suitable for gate driving circuit of IGBT or power MOSFET.
Especially TLP351F is capable of “direct” gate drive of lower Power
IGBTs.
Absolute maximum ratings and electrical characteristics are the same as
TLP351 technical datasheet.
• Peak output current: ±0.6 A (max)
• Guaranteed performance over temperature: −40 to 100°C
• Supply current: 2 mA (max)
• Power supply voltage: 10 to 30 V
• Threshold input current : IF = 5 mA (max)
• Switching time (tpLH/tpHL) : 700 ns (max)
• Common mode transient immunity: 10 kV/μs
• Isolation voltage: 3750 Vrms
• Construction mechanical rating
• Option(D4)
VDE Approved : DIN EN60747-5-2
Maximum Operating Insulation Voltage : 1140VPK
Highest Permissible Over Voltage
: 6000VPK
(Note): When an EN60747-5-2 approved type is needed,
Please designate “Option(D4)”
• Construction mechanical rating
Truth Table
Input
LED
Tr1
Tr2
Output
H
ON
ON
OFF
H
L
OFF
OFF
ON
L
Unit: mm
TOSHIBA
11-10C402
Weight: 0.54 g (typ.)
8
1: NC
2: Anode
3: Cathode
4: NC
5: GND
6: VO (output)
7: NC
8: VCC
7
6
5
1
2
3
4
A 0.1
μF bypass capacitor must be connected
between pin 8 and 5.
2
+
3
−
VCC
VO
GND
(Tr1)
(Tr2)
ICC
IO
IF
VF
5
6
8
Pin Configuration (top view)
Schematic
7.62mm pitch
TLP351 type
10.16mm pitch
TLP351F type
Creepage distance
Clearance
Insulation thickness
6.4 mm (min)
6.4 mm (min)
0.4 mm (min)
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)


Similar Part No. - TLP351F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP351 TOSHIBA-TLP351 Datasheet
222Kb / 8P
GaA?밃s IRED Photo IC
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
TLP351A TOSHIBA-TLP351A Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351AF TOSHIBA-TLP351AF Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351H TOSHIBA-TLP351H Datasheet
496Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-10-19 Rev.8.0
More results

Similar Description - TLP351F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
GaA?밃s Ired Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
GaA?밃s Ired & Photo-IC
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
GaA?밃s IRED Photo IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
GaA?밃s IRED Photo IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
GaA?밃s Ired & Photo-IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
Photocoupler GaA?밃s IRED Photo IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com