Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD12 Datasheet(PDF) 20 Page - Astec America, Inc

Part # ALD12
Description  Single Output 16th Brick: 60Watts
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALD12 Datasheet(HTML) 20 Page - Astec America, Inc

Back Button ALD12 Datasheet HTML 12Page - Astec America, Inc ALD12 Datasheet HTML 13Page - Astec America, Inc ALD12 Datasheet HTML 14Page - Astec America, Inc ALD12 Datasheet HTML 15Page - Astec America, Inc ALD12 Datasheet HTML 16Page - Astec America, Inc ALD12 Datasheet HTML 17Page - Astec America, Inc ALD12 Datasheet HTML 18Page - Astec America, Inc ALD12 Datasheet HTML 19Page - Astec America, Inc ALD12 Datasheet HTML 20Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Technical Reference Notes
ALD12/18/20/25 Series
(Single Output 16
th Brick)
MODEL: ALD12/18/20/25 SERIES
SHEET 20 OF 20
AUGUST 17, 2005 – REVISION C
PART NUMBERING SCHEME
CONSTRUCTION
O/P CURRENT
O/P VOLTAGE
Vin
Enable
TH PIN
LENGTH
TERMINATION
A
W
D
xx
y
48
N
-
6
S
L = Open frame
E = Baseplate
12 = 12A
18 = 18A
20 = 20A
25 = 25A
25 = 25A
25 = 25A
A = 5.0V
F = 3.3V
G = 2.5V
Y = 1.8V
M = 1.5V
K = 1.2V
N = Negative
Blank = Positive
6 = 3.7mm
Blank = 5mm
default
S = SMT Termination
(Consult with Factory)
Blank = (TH) thru-hole
Note:
1) For Through Hole termination: - Std pin length is 5mm nominal (min: 0.189 [4.8]; max: 0.205 [5.2] / in [mm])
- “-6” option is 3.7mm nominal (min: 0.137 [3.5]; max: 0.152 [3.9] / in [mm])
- Pins 4&8 diameter:
∅ = 0.062 [1.57], others: ∅ = 0.04 [1.0] (6X)
2) For SMT termination:
- Recommended surface mount pad
∅ = 0.11 [2.79] ± 0.005 [0.13] (in [mm])
Please call 1-888-41-ASTEC for further inquiries or visit
us at www.astecpower.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com