Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ07 Datasheet(PDF) 20 Page - Astec America, Inc

Part # ALQ07
Description  Technical Reference Notes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ07 Datasheet(HTML) 20 Page - Astec America, Inc

Back Button ALQ07 Datasheet HTML 16Page - Astec America, Inc ALQ07 Datasheet HTML 17Page - Astec America, Inc ALQ07 Datasheet HTML 18Page - Astec America, Inc ALQ07 Datasheet HTML 19Page - Astec America, Inc ALQ07 Datasheet HTML 20Page - Astec America, Inc ALQ07 Datasheet HTML 21Page - Astec America, Inc ALQ07 Datasheet HTML 22Page - Astec America, Inc ALQ07 Datasheet HTML 23Page - Astec America, Inc ALQ07 Datasheet HTML 24Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
ALQ07 DC-DC Converter Technical Reference Notes
DATE: Aug., 9, 2003
Extra care should be taken when long leads or traces are used to provide power to
the load. Long lead lengths increase the chance for noise to appear on the lines.
Under these conditions C1 can be added across the load, with a 0.1uF ceramic
capacitor C1 in parallel generally as shown in Figure ‘Output Ripple Filter for a
Distant Load’.
Decoupling
Noise on the power distribution system is not always created by the converter. High
speed analog or digital loads with dynamic power demands can cause noise to
cross the power inductor back onto the input lines. Noise can be reduced by
decoupling the load. In most cases, connecting a 10uF tantalum or ceramic
capacitor in parallel with a 0.1uF ceramic capacitor across the load will decouple it.
The capacitors should be connected as close to the load as possible.
Ground Loops
Ground loops occur when different circuits are given multiple paths to common or
earth ground, as shown in Figure ‘Ground Loops’. Multiple ground points can be
slightly different potential and cause current flow through the circuit from one point to
another. This can result in additional noise in all the circuits. To eliminate the
problem, circuits should be designed with a single ground connection as shown in
Figure ‘Single Point Ground’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com