Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP280 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP280
Description  GaAs Ired & Photo−Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP280 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP280_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP280_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP280_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP280_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP280_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP280_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP280_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP280_07 Datasheet HTML 8Page - Toshiba Semiconductor TLP280_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP280,TLP280
−4
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Transistor
TLP280,TLP280
−4
Programmable Controllers
AC/DC
−Input Module
PC Card Modem (PCMCIA)
TLP280 and TLP280−4 is a very small and thin coupler, suitable for
surface mount assembly in applications such as PCMCIA fax modem,
programmable controllers.
TLP280 and TLP280−4 consist of photo transistor, optically coupled to
two gallium arsenide infrared emitting diode connected inverse parallel,
and can operate directly by AC input current
• Collector−emitter voltage: 80 V (min)
• Current transfer ratio: 50% (min)
Rank GB: 100% (min)
• Isolation voltage: 2500 Vrms (min)
• UL recognized: UL1577, file No. E67349
• BSI approved: BS EN 60065: 2002,
BS EN 60950-1: 2002
Certificate No. 8143, 8144
TOSHIBA
Weight: 0.05 g
TOSHIBA
Weight: 0.19 g
Unit in mm


Similar Part No. - TLP280_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP280-4 TOSHIBA-TLP280-4 Datasheet
185Kb / 9P
Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP280F TOSHIBA-TLP280F Datasheet
185Kb / 9P
Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP280GB-TP TOSHIBA-TLP280GB-TP Datasheet
210Kb / 9P
Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP280GB-TPF TOSHIBA-TLP280GB-TPF Datasheet
210Kb / 9P
TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
More results

Similar Description - TLP280_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP181 TOSHIBA-TLP181_02 Datasheet
152Kb / 9P
GaAs Ired and Photo−Transistor
TLP523 TOSHIBA-TLP523_07 Datasheet
262Kb / 7P
GaAs Ired & Photo−Transistor
TLP504A TOSHIBA-TLP504A_07 Datasheet
228Kb / 8P
GaAs Ired & Photo−Transistor
TLP421F TOSHIBA-TLP421F_07 Datasheet
145Kb / 3P
GaAs IRed & Photo−Transistor
TLP371 TOSHIBA-TLP371_07 Datasheet
211Kb / 8P
GaAs Ired & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
GaAs Ired & Photo−Transistor
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
GaAs Ired & Photo−Transistor
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
Photocoupler GaAs Ired & Photo−Transistor
TLP181 TOSHIBA-TLP181_07 Datasheet
173Kb / 9P
Photocoupler GaAs Ired & Photo−Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com