Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ15FG48 Datasheet(PDF) 2 Page - Astec America, Inc

Part # ALQ15FG48
Description  Industry StandardBrick: 36V-75V Input / 60W Output Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ15FG48 Datasheet(HTML) 2 Page - Astec America, Inc

  ALQ15FG48 Datasheet HTML 1Page - Astec America, Inc ALQ15FG48 Datasheet HTML 2Page - Astec America, Inc ALQ15FG48 Datasheet HTML 3Page - Astec America, Inc ALQ15FG48 Datasheet HTML 4Page - Astec America, Inc ALQ15FG48 Datasheet HTML 5Page - Astec America, Inc ALQ15FG48 Datasheet HTML 6Page - Astec America, Inc ALQ15FG48 Datasheet HTML 7Page - Astec America, Inc ALQ15FG48 Datasheet HTML 8Page - Astec America, Inc ALQ15FG48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Technical Reference Notes
ALQ15XX48X Series
(Open Frame Dual Output Quarter Brick)
MODEL: ALQ15 SERIES
SHEET 2 OF 19
MARCH 4, 2004 - REVISION 01
ALQ15 SERIES
MODEL NAME
CONSTRUCTION
VOUT / IOUT
ALQ15AF48
Open Frame
5.0V-12A / 3.3V-15A
ALQ15FG48
Open Frame
3.3V-15A / 2.5V-15A
ALQ15FG48N-6D*
Open Frame
3.3V-15A / 2.5V-15A
ALQ15FY48
Open Frame
3.3V-15A / 1.8V-15A
ALQ15GM48
Open Frame
2.5V-15A / 1.5V-15A
OPTIONS:
SUFFIX
Negative Enable:
"N"
Positive Enable:
No suffix
3.7mm (nominal) Pin Length:
"-6"
* Check Part Numbering Scheme on Table 2 and the corresponding external trim
function on Table 1-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com