Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ07FM Datasheet(PDF) 25 Page - Astec America, Inc

Part # ALQ07FM
Description  Technical Reference Notes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ07FM Datasheet(HTML) 25 Page - Astec America, Inc

Back Button ALQ07FM Datasheet HTML 20Page - Astec America, Inc ALQ07FM Datasheet HTML 21Page - Astec America, Inc ALQ07FM Datasheet HTML 22Page - Astec America, Inc ALQ07FM Datasheet HTML 23Page - Astec America, Inc ALQ07FM Datasheet HTML 24Page - Astec America, Inc ALQ07FM Datasheet HTML 25Page - Astec America, Inc ALQ07FM Datasheet HTML 26Page - Astec America, Inc ALQ07FM Datasheet HTML 27Page - Astec America, Inc ALQ07FM Datasheet HTML 28Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
ALQ07 DC-DC Converter Technical Reference Notes
DATE: Aug., 9, 2003
Thermal Consideration
When 48V input, 60℃ ambient temperature, and 150LFM airflow, ALQ07 series are
rated for full power, and in this condition the case temperature can reach 90℃. For
operation above ambient temperature of 60℃, output power must be derated as
shown in Figure ‘Temperature Derating’, meantime, airflow at least 150LFM over the
converter must be provided to make the module working properly. the case
temperature should be used to determine maximum temperature limits. The
minimum operating temperature for the ALQ07 is -40℃.
Temperature Derating Curves
MTBF
The MTBF, calculated in accordance with Bellcore TR-NWT-000332 is 1,800,000
hours. Obtaining this MTBF in practice is entirely possible. If the ambient air
temperature is expected to exceed +25℃, then we also advise an oriented for the
best possible cooling in the air stream.
ASTEC can supply replacements for converters from other manufacturers, or offer
custom solutions. Please contact the factory for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com