Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ07FK Datasheet(PDF) 4 Page - Astec America, Inc

Part # ALQ07FK
Description  Technical Reference Notes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ07FK Datasheet(HTML) 4 Page - Astec America, Inc

  ALQ07FK Datasheet HTML 1Page - Astec America, Inc ALQ07FK Datasheet HTML 2Page - Astec America, Inc ALQ07FK Datasheet HTML 3Page - Astec America, Inc ALQ07FK Datasheet HTML 4Page - Astec America, Inc ALQ07FK Datasheet HTML 5Page - Astec America, Inc ALQ07FK Datasheet HTML 6Page - Astec America, Inc ALQ07FK Datasheet HTML 7Page - Astec America, Inc ALQ07FK Datasheet HTML 8Page - Astec America, Inc ALQ07FK Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
ALQ07 DC-DC Converter Technical Reference Notes
DATE: Aug., 9, 2003
Module Numbering
A L Q 07 FM 48 N- 7
1 2 3 4
5
6 7 8
Explanation:
1-Series name
2-Low profile
3-Quarter brick
4-Output current: 7A
5-Dual output: F: 3.3V, M: 1.5V, Y: 1.8V
6-Input voltage range: 36V to 72V
7—CNT logic, N---Negative enable, default is positive enable
8—Pin length:
6---3.80mm
8---2.80mm
7---5.8mm
By default: 5mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com