Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7721FDWVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7721FDWVR
Description  ISO772x High-Speed, Robust EMC, Reinforced and Basic Dual-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7721FDWVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7721FDWVR Datasheet HTML 17Page - Texas Instruments ISO7721FDWVR Datasheet HTML 18Page - Texas Instruments ISO7721FDWVR Datasheet HTML 19Page - Texas Instruments ISO7721FDWVR Datasheet HTML 20Page - Texas Instruments ISO7721FDWVR Datasheet HTML 21Page - Texas Instruments ISO7721FDWVR Datasheet HTML 22Page - Texas Instruments ISO7721FDWVR Datasheet HTML 23Page - Texas Instruments ISO7721FDWVR Datasheet HTML 24Page - Texas Instruments ISO7721FDWVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
High-Level Output Current (mA)
-15
-10
-5
0
0
1
2
3
4
5
6
VCC at 2.5 V
VCC at 3.3 V
VCC at 5 V
TA = 25°C
Figure 6-11. High-Level Output Voltage vs High-
level Output Current
Low-Level Output Current (mA)
0
5
10
15
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VCC at 2.5 V
VCC at 3.3 V
VCC at 5 V
TA = 25°C
Figure 6-12. Low-Level Output Voltage vs Low-
Level Output Current
Free-Air Temperature (
C)
-55
-25
5
35
65
95
125
1.6
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
2.05
2.1
VCC1-
VCC1+
VCC2-
VCC2+
Figure 6-13. Power Supply Undervoltage Threshold
vs Free-Air Temperature
Free-Air Temperature (
C)
-55
-25
5
35
65
95
125
8
9
10
11
12
13
14
15
16
17
tPLH at 2.5 V
tPHL at 2.5 V
tPLH at 3.3 V
tPHL at 3.3 V
tPLH at 5 V
tPHL at 5 V
Figure 6-14. Propagation Delay Time vs Free-Air
Temperature
www.ti.com
ISO7720, ISO7721
SLLSEP3G – NOVEMBER 2016 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISO7720 ISO7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com