Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS11014 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PS11014
Description  FLAT-BASE TYPE INSULATED TYPE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS11014 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PS11014 Datasheet HTML 1Page - Powerex Power Semiconductors PS11014 Datasheet HTML 2Page - Powerex Power Semiconductors PS11014 Datasheet HTML 3Page - Powerex Power Semiconductors PS11014 Datasheet HTML 4Page - Powerex Power Semiconductors PS11014 Datasheet HTML 5Page - Powerex Power Semiconductors PS11014 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MITSUBISHI SEMICONDUCTOR <Application Specific Intelligent Power Module>
PS11014
FLAT-BASE TYPE
INSULATED TYPE
Jan. 2000
Each output IGBT collector current
Brake IGBT collector current
Brake diode anode current
INTERNAL FUNCTIONS BLOCK DIAGRAM
(Fig. 2)
V
V
450
500
Applied between P2-N
Applied between P2-N, Surge-value
Applied between P-U, V, W, Br or U, V, W,
Br-N
Applied between P-U, V, W, Br or U, V, W,
Br-N
TC = 25
°C
Note: “( )” means IC peak value
Supply voltage
Supply voltage (surge)
VCC
VCC(surge)
Condition
Symbol
Item
Ratings
Unit
MAXIMUM RATINGS (Tj = 25
°C)
INVERTER PART (Including Brake Part)
VP or VN
VP(S) or VN(S)
±IC(±ICP)
IC(ICP)
IF(IFP)
Each output IGBT collector-emitter static voltage
Each output IGBT collector-emitter
switching surge voltage
600
600
±15 (±30)
4 (8)
4 (8)
V
V
A
A
A
V
20
Fault output supply voltage
Fault output current
Current-limit warning (CL) output voltage
CL output current
Analogue current signal output current
Applied between VDH-GND, CBU+-CBU–,
CBV+-CBV–, CBW+-CBW–
Applied between UP · VP · WP · UN · VN ·
WN · Br-GND
Applied between FO1 · FO2 · FO3-GND
Sink current of FO1 · FO2 · FO3
Applied between CL-GND
Sink current of CL
Sink current of CU · CV · CW
VDH, VDB
Supply voltage
Symbol
Item
Ratings
Unit
CONTROL PART
Condition
VFO
IFO
VCL
ICL
ICO
VCIN
Input signal voltage
–0.5 ~ 7.5
–0.5 ~ 7
15
–0.5 ~ 7
15
±1
V
V
mA
V
mA
mA
3
φ rectifying circuit
1 cycle at 60Hz, peak value non-repetitive
Value for one cycle of surge current
Condition
Symbol
Item
Ratings
Unit
VRRM
Ea
IO
IFSM
I2t
Repetitive peak reverse voltage
Recommended AC input voltage
DC output current
Surge (non-repetitive) forward current
I2t for fusing
800
220
25
196
160
V
V
A
A
A2s
CONVERTER PART
(15V line)
VDH
GND
CUCV CW
UPVPWPUN VNWN Br
CL FO1 FO2 FO3
B
P2
P1
R
S
T
C
Z
N
M
W
V
U
AC200V line input
C3 ; 3.3
µF or more, tight tolerance, temp-compensated electrolytic type (Note : the value may change
depending on the type PWM control scheme used in the applied system)
C4 ; 2
µF R-category ceramic condenser for noise filtering.
C2 ;
3.3
µF or more
FO Logic
Protection
Circuit
Level shifter
Drive Circuit
Drive Curcuit
Trig signal conditioning
Current sensing
circuit
Protection
circuit
Control supply
fault sense
Z : Surge absorber.
C : AC filter (Ceramic condenser 2.2~6.5nF)
[Note : Additionally an appropriate Line-to line
surge absorber circuit maybe necessary
depending on the application environment].
AC 200V line
output
Brake resistor
connection,
Inrush prevention
circuit, etc.
Note 1) To prevent chances of signal oscillation, an RC coupling at each output is recommended. (see also Fig.10)
Note 2) By virtue of integrating an application specific type HVIC inside the module, direct coupling to CPU, without any opto or transformer isolation ispossible. (see also Fig.10)
Note 3) All these outputs are open collector type. Each signal line should be pulled up to plus side of the 5V power supply with approximately 5.1k
Ω resistance. (see also Fig.10)
Note 4) The wiring between power DC link capacitor and P/N terminals should be as short as possible to protect the ASIPM against catastrophic high surge voltage. For extra
precaution, a small film type snubber capacitor (0.1~0.22
µF, high voltage type) is recommended to be mounted close to these P and N DC powerinput pins.
Analogue signal output corresponding to
each phase current (5V line) Note 1)
Each phase input (PWM)
(5V line) Note 2)
Fault output
(5V line) Note 3)
Application Specific Intelligent
Power Module
T.S.
C2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com