Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS-319PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # DS-319PIN
Description  Two-Way Power Divider, 10 - 500MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS-319PIN Datasheet(HTML) 2 Page - Tyco Electronics

  DS-319PIN Datasheet HTML 1Page - Tyco Electronics DS-319PIN Datasheet HTML 2Page - Tyco Electronics DS-319PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
!
"
!
"
!
"
! #
$
!
!
&
&
'
( ))*#
+!)*#
#
,
-
.
/
0
.
0 1
*!
! 1
1
7 $# !0
3
'89
&
:
:
*
!
:
3
'89
&
:
:
4 # $
&
!
:
3
'89
&
:
:
%"
&
!
:
3
'89
;
:
:
+, -
4 %
3
'89
-
:
:
4
#
!
## (
"
"
$
!
#
!
"
&
&
'
( ))*#
+!)*#
#
,
-
.
/
0
.
0 1
*!
! 1
1
7 $# !0
3
'89
3
'89
&
&
:
:
:
:
*
!
:
3
'89
&
:
:
4 # $
&
!
:
3
'89
3
'89
&
&
:
:
:
:
%"
&
!
:
3
'89
;
:
:
+, -
4 %
3
'89
3
'89
-
-
:
:
:
:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com