Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ40 Datasheet(PDF) 2 Page - Astec America, Inc

Part # ALQ40
Description  Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ40 Datasheet(HTML) 2 Page - Astec America, Inc

  ALQ40 Datasheet HTML 1Page - Astec America, Inc ALQ40 Datasheet HTML 2Page - Astec America, Inc ALQ40 Datasheet HTML 3Page - Astec America, Inc ALQ40 Datasheet HTML 4Page - Astec America, Inc ALQ40 Datasheet HTML 5Page - Astec America, Inc ALQ40 Datasheet HTML 6Page - Astec America, Inc ALQ40 Datasheet HTML 7Page - Astec America, Inc ALQ40 Datasheet HTML 8Page - Astec America, Inc ALQ40 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Technical Reference Notes
ALQ40/50 Series
(Open Frame Single Output Quarter Brick)
MODEL: ALQ50 SERIES
SHEET 2 OF 16
APRIL 21, 2003 - REVISION A (PRELIMINARY)
ALQ50 Series
THIS SPECIFICATION COVERS THE REQUIREMENTS FOR A NEW ¼-BRICK SIZE
50A SINGLE OUTPUT HIGH EFFICIENCY DC/DC CONVERTER.
MODEL NAME
CONSTRUCTION
VOUT / IOUT
ALQ40F48
Open Frame; Low Profile
3.3V / 40A
ALQ50G48
Open Frame; Low Profile
2.5V / 50A
ALQ50Y48
Open Frame; Low Profile
1.8V / 50A
ALQ50K48
Open Frame; Low Profile
1.2V / 50A
OPTIONS:
SUFFIX
Negative Enable:
"N"
Positive Enable:
No suffix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com