Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC08G08 Datasheet(PDF) 10 Page - Astec America, Inc

Part # APC08G08
Description  Non-Isolated DC/DC Power Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08G08 Datasheet(HTML) 10 Page - Astec America, Inc

Back Button APC08G08 Datasheet HTML 6Page - Astec America, Inc APC08G08 Datasheet HTML 7Page - Astec America, Inc APC08G08 Datasheet HTML 8Page - Astec America, Inc APC08G08 Datasheet HTML 9Page - Astec America, Inc APC08G08 Datasheet HTML 10Page - Astec America, Inc APC08G08 Datasheet HTML 11Page - Astec America, Inc APC08G08 Datasheet HTML 12Page - Astec America, Inc APC08G08 Datasheet HTML 13Page - Astec America, Inc APC08G08 Datasheet HTML 14Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 10 OF 23
OCTOBER 4, 2004 - REVISION 03
Method 1: External Trim Resistor (continued)
Example
Module version: APC08F03-9 (4.0 to 6.Vin, 3.3Vo).
Requiring to adjust the output voltage from Vo = 3.3V to Vot = 3.3 (1-0.02) = 3.234V.
Vo = 3.3V, Vot = 3.234V, Vref = 0.875V, R2 = 1.13kΩ (from TABLE 1).
Based on Equation (1), Rt can be determined as 111.9k
Ω.
Trim Function (continued)
Method 2: External DC Source
By connecting an external DC supply across P4 (Enable) and P3 (GND) through a limiting resistor Rt, (see Figure 5), output
voltage adjustment can also be achieved. Equation 3 provides the relationship between the External DC supply, Vt, and Vo
(where Vo is the desired output voltage).
Given: Rt = 10k
Ω
Vo Adjustment to Lower Voltages. This method does not limit the recommended lower Vo adjustment to 2% as mentioned
on previous sections re: Vo adjustment through external trim resistor.
Example:
Module version: APC08G03-9 (3V to 6Vin, 2.5Vo).
Requiring to adjust the output voltage from Vo = 2.5V to 1.8V
Vo = 1.8V, Vr = 0.87V, R1 = 3.09kΩ, R2 = 1.69kΩ (from Table 1). Based on Equation (3), Vt = 3.0V.
Example:
Module version: APC08G03-9 (3V to 6Vin, 2.5Vo).
Requiring to adjust the output voltage from Vo = 2.5V to 0.9V
Vo = 0.9V, Vr = 0.87V, R1 = 3.09kΩ, R2 = 1.69kΩ (from Table 1). Based on Equation (3), Vt = 5.9V.
Vo
R
Rt
Vr
R
Rt
R
Rt
Vt
1
2
1
1
−
+
+
=
Equation (3)
Figure 5. External DC source for output trim adjust.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com