Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATH15 Datasheet(PDF) 2 Page - Astec America, Inc

Part # ATH15
Description  6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ATH15 Datasheet(HTML) 2 Page - Astec America, Inc

  ATH15 Datasheet HTML 1Page - Astec America, Inc ATH15 Datasheet HTML 2Page - Astec America, Inc ATH15 Datasheet HTML 3Page - Astec America, Inc ATH15 Datasheet HTML 4Page - Astec America, Inc ATH15 Datasheet HTML 5Page - Astec America, Inc ATH15 Datasheet HTML 6Page - Astec America, Inc ATH15 Datasheet HTML 7Page - Astec America, Inc ATH15 Datasheet HTML 8Page - Astec America, Inc ATH15 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44(1384)842-211
Asia (HK): 852-2437-9662
Pin Descriptions
Vin:
The positive input voltage power node to the mod-
ule, which is referenced to common GND.
Vout:
The regulated positive power output with respect
to the GND node.
GND:
This is the common ground connection for the
Vin and Vout power connections. It is also the 0 VDC
reference for the control inputs.
Vo Adjust:
A 0.1 W 1 % resistor must be directly connected
between this pin and GND to set the output voltage to
a value higher than 0.8 V. The temperature stability of
the resistor should be 100 ppm/°C (or better). The set-
point range for the output voltage is from 0.8 V to 2.5 V.
The resistor value required for a given output voltage
may be calculated from the following formula. If this
pin is left open circuit, the output voltage will default to
its lowest value. For further information on output volt-
age adjustment consult the related application note.
Rset
= 10 k
Ω ·
0.8 V
– 2.49 k
Ω
Vout – 0.8 V
The specification table gives the preferred resistor values
for a number of standard output voltages.
Inhibit:
The Inhibit pin is an open-collector/drain negative
logic input that is referenced to GND. Applying a low-
level ground signal to this input disables the module’s
output and turns off the output voltage. When the Inhibit
control is active, the input current drawn by the regula-
tor is significantly reduced. If the Inhibit pin is left
open-circuit, the module will produce an output when-
ever a valid input source is applied.
Track:
This is an analog control input that allows the
output voltage to follow another voltage during power-
up and power-down sequences. The pin is active from
0 V up to the nominal set-point voltage. Within this
range the module’s output will follow the voltage at the
Track pin on a volt-for-volt basis. When the control volt-
age is raised above this range, the module regulates at its
nominal output voltage. If unused, this input may be left
unconnected. For further information consult the related
application note.
Ordering Information
6-A, 3.3-V Input Non-Isolated
Wide-Output Adjust Power Module
ATH06T033 Series —3.3-V Input
Input Voltage
Output Voltage
Output Current
Model Number
2.95V to 3.65V
0.81 to 2.5V
6A
ATH06T033-9(S)(J)
Options:
“-J”
-
Through-hole Termination, Tray Packaging
“-SJ”
-
SMT Termination, Tray Packaging
“-S”
-
SMT Termination, T&R Packaging
Notes:
1Preset output voltage is 0.8V; externally adjustable to 2.5V through the Vo,Adjust pin
REVISION 00 (01DEC2003)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com