Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC08F08 Datasheet(PDF) 16 Page - Astec America, Inc

Part # APC08F08
Description  Non-Isolated DC/DC Power Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08F08 Datasheet(HTML) 16 Page - Astec America, Inc

Back Button APC08F08 Datasheet HTML 12Page - Astec America, Inc APC08F08 Datasheet HTML 13Page - Astec America, Inc APC08F08 Datasheet HTML 14Page - Astec America, Inc APC08F08 Datasheet HTML 15Page - Astec America, Inc APC08F08 Datasheet HTML 16Page - Astec America, Inc APC08F08 Datasheet HTML 17Page - Astec America, Inc APC08F08 Datasheet HTML 18Page - Astec America, Inc APC08F08 Datasheet HTML 19Page - Astec America, Inc APC08F08 Datasheet HTML 20Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 16 OF 23
OCTOBER 4, 2004 - REVISION 03
Performance Curves
Typical performance curves, TON delay, at 25°C ambient temperature; IO = IO,max, VIN = VIN,max. For reference CH1 is
connected to +VIN pin, CH2 is connected to the output of the module.
Figure 31. APC08F03 TON delay at VIN,max = 6V.
Figure 32. APC08G03 TON delay at VIN,max = 6V.
Figure 33. APC08Y03 TON delay at VIN,max = 6V.
Figure 34. APC08M03 TON delay at VIN,max = 6V.
Figure 35. APC08K03 TON delay at VIN,max = 6V.
Figure 36. APC08J03 TON delay at VIN,max = 6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com