Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATH30T033 Datasheet(PDF) 13 Page - Astec America, Inc

Part # ATH30T033
Description  30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ATH30T033 Datasheet(HTML) 13 Page - Astec America, Inc

Back Button ATH30T033 Datasheet HTML 8Page - Astec America, Inc ATH30T033 Datasheet HTML 9Page - Astec America, Inc ATH30T033 Datasheet HTML 10Page - Astec America, Inc ATH30T033 Datasheet HTML 11Page - Astec America, Inc ATH30T033 Datasheet HTML 12Page - Astec America, Inc ATH30T033 Datasheet HTML 13Page - Astec America, Inc ATH30T033 Datasheet HTML 14Page - Astec America, Inc ATH30T033 Datasheet HTML 15Page - Astec America, Inc ATH30T033 Datasheet HTML 16Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Application Notes
ATH Series of Wide-Output Adjust Power
Modules (3.3/5-V Input)
North America (USA): 1-888-41-ASTEC
Europe (UK): 44(1384)842-211
Asia (HK): 852-2437-9662
Pre-Bias Startup Capability
Only selected products in the ATH family incorporate this
capability. Consult Table 3-1 to identify which products
are compliant.
A pre-bias startup condition occurs as a result of an external
voltage being present at the output of a power module prior
to its output becoming active. This often occurs in com-
plex digital systems when current from another power
source is backfed through a dual-supply logic component,
such as an FPGA or ASIC. Another path might be via
clamp diodes as part of a dual-supply power-up sequencing
arrangement. A prebias can cause problems with power
modules that incorporate synchronous rectifiers. This is
because under most operating conditions, these types of
modules can sink as well as source output current.
The ATH family of power modules incorporate synchro-
nous rectifiers, but will not sink current during startup 1,
or whenever the Inhibit pin is held low. However, to ensure
satisfactory operation of this function, certain conditions
must be maintained. 2 Figure 3-9 shows an application
demonstrating the pre-bias startup capability. The start-
up waveforms are shown in Figure 3-10. Note that the
output current from the ATH15T033 (Io) shows negligible
current until its output voltage rises above that backfed
through diodes D1 and D2.
Note: The pre-bias start-up feature is not compatible with
Auto-Track™. When the module is under Auto-Track™
control, it will sink current if the output voltage is below
that of a back-feeding source. To ensure a pre-bias hold-off
one of two approaches must be followed when input power is
applied to the module. The Auto-Track™ function must either
be disabled 3, or the module’s output held off (for at least
50 ms) using the Inhibit pin. Either approach ensures that the
Track pin voltage is above the set-point voltage at start up.
Notes
1. Startup includes the short delay (approx. 10 ms)
prior to the output voltage rising, followed by the
rise of the output voltage under the module’s
internal soft-start control. Startup is complete
when the output voltage has risen to either the set-
point voltage or the voltage at the Track pin,
whichever is lowest.
2. To ensure that the regulator does not sink current
when power is first applied (even with a ground
signal applied to the Inhibit control pin), the input
voltage must always be greater than the output
voltage throughout the power-up and power-down
sequence.
3. The Auto-Track™ function can be disabled at
power up by immediately applying a voltage to the
module’s Track pin that is greater than its set-point
voltage. This can be easily accomplished by
connecting the Track pin to Vin.
V
o = 2.5 V
V
IN = 3.3 V
R
2
2k21
ASIC
VCORE
VCCIO
I
o
PTH03010W
1
10
4
5
6
2
3
98
Track
V
IN
V
O
GND
Inhibit
7
Vadj
Sense
+
C
IN
330 µF
+
C
OUT
330 µF
+
Figure 3–9; Application Circuit Demonstrating Pre-Bias Startup
Vin (1 V/Div)
Vo (1 V/Div)
Io (5 A/Div)
HORIZ SCALE: 5 ms/Div
ATH15T033-9S
Figure 3–10; Pre-Bias Startup Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com