Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUD03M48 Datasheet(PDF) 5 Page - Astec America, Inc

Part # AUD03M48
Description  Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AUD03M48 Datasheet(HTML) 5 Page - Astec America, Inc

  AUD03M48 Datasheet HTML 1Page - Astec America, Inc AUD03M48 Datasheet HTML 2Page - Astec America, Inc AUD03M48 Datasheet HTML 3Page - Astec America, Inc AUD03M48 Datasheet HTML 4Page - Astec America, Inc AUD03M48 Datasheet HTML 5Page - Astec America, Inc AUD03M48 Datasheet HTML 6Page - Astec America, Inc AUD03M48 Datasheet HTML 7Page - Astec America, Inc AUD03M48 Datasheet HTML 8Page - Astec America, Inc AUD03M48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MODEL : AUD 10W SERIES
April 05 REVISION 02
SHEET 5 OF 15
Technical Reference Note
Ultra Low Profile
AUD 10W Series
OUTPUT SPECIFICATIONS (Continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Switching Frequency
1.5V
-
-
670
-
KHz
1.8V
-
-
520
-
KHz
2.5V
-
-
600
-
KHz
3.3V
-
-
640
-
KHz
5.0V
-
-
640
-
KHz
Dynamic Response:
Slew Rate
All
∆I
O/∆t
-
0.3 x Io /
100uS
-
A/
µs
Load Change: 50% - 100% IO,max
All
-
-
-
10
%VO
Load Change: 100% to 50% IO,max
All
-
-
-
10
%VO
Turn-On time (Input to Output)
5
All
-
15
-
250
ms
IO = Iomax; VIN = VIN,nom
to VO,nom
Note:
5. Input to Output Turn-On time is defined as the difference between t1 and t2: where t1 is the time
when the input voltage reaches the minimum VIN (VIN = VIN,MIN) and t2 is the time when the output
voltage reaches it's specified range (VO = VO,SET-Min).
ISOLATION SPECIFICATION
Input to Output Isolation: 1500Vdc (1 minute)
SAFETY APPROVAL
The AUD (10W) is certified under the following agencies:
UL/cUL 1950, and CE Mark.
The module shall not be considered approved and carry safety agency logos until this has been authorized by
Safety and QA / QC management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com