Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVC06S05 Datasheet(PDF) 2 Page - Astec America, Inc

Part # AVC06S05
Description  Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AVC06S05 Datasheet(HTML) 2 Page - Astec America, Inc

  AVC06S05 Datasheet HTML 1Page - Astec America, Inc AVC06S05 Datasheet HTML 2Page - Astec America, Inc AVC06S05 Datasheet HTML 3Page - Astec America, Inc AVC06S05 Datasheet HTML 4Page - Astec America, Inc AVC06S05 Datasheet HTML 5Page - Astec America, Inc AVC06S05 Datasheet HTML 6Page - Astec America, Inc AVC06S05 Datasheet HTML 7Page - Astec America, Inc AVC06S05 Datasheet HTML 8Page - Astec America, Inc AVC06S05 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MODEL : AVC 20W SERIES
April 05 REVISION 02
SHEET 2 OF 16
Technical Reference Note
Ultra Low Profile
AVC 20W Series
AVC 20W Ultra Low Profile Series
THIS SPECIFICATION COVERS THE REQUIREMENTS
MODEL NAME
SIS CODE
Vout,Iout
Vin
AVC06S04
AVC06K04
AVC06M04
AVC06Y04
AVC06D04
AVC06G04
AVC06S05
AVC06K05
AVC06M05
AVC06Y05
AVC06D05
AVC06G05
AVC06F05
AVC06S04
AVC06K04
AVC06M04
AVC06Y04
AVC06D04
AVC06G04
AVC06S05
AVC06K05
AVC06M05
AVC06Y05
AVC06D05
AVC06G05
AVC06F05
1.0V @ 6A
1.2V @ 6A
1.5V @ 6A
1.8V @ 6A
2.0V @ 6A
2.5V @ 6A
1.0V @ 6A
1.2V @ 6A
1.5V @ 6A
1.8V @ 6A
2.0V @ 6A
2.5V @ 6A
3.3V @ 6A
3.3V
3.3V
3.3V
3.3V
3.3V
3.3V
5.0V
5.0V
5.0V
5.0V
5.0V
5.0V
5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com