Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA48LS00F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA48LS00F
Description  300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48LS00F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA48LS00F Datasheet HTML 1Page - Toshiba Semiconductor TA48LS00F Datasheet HTML 2Page - Toshiba Semiconductor TA48LS00F Datasheet HTML 3Page - Toshiba Semiconductor TA48LS00F Datasheet HTML 4Page - Toshiba Semiconductor TA48LS00F Datasheet HTML 5Page - Toshiba Semiconductor TA48LS00F Datasheet HTML 6Page - Toshiba Semiconductor TA48LS00F Datasheet HTML 7Page - Toshiba Semiconductor TA48LS00F Datasheet HTML 8Page - Toshiba Semiconductor TA48LS00F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TA48LS00F
2007-06-22
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA48LS00F
300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator
with ON/OFF Control Switch
The
TA48LS00F
consists
of
small-surface
mount
type
low-dropout regulators with an output current of 300mA
(maximum) and an ON/OFF control switch. Control by an EN
(ON/OFF) terminal enables the regulator to be operated only
when required (output ON). The output voltage can be arbitrarily
set by external resistance. Therefore, the TA48LS00F can be
used for a wide range of applications. TA48LS00F is suitable for
use in the power supply circuits of AV, OA and other digital
devices equipped with a stand-by function, and of battery
-operated portable data devices of various types, where they will
contribute to energy saving.
Features
• Built-in ON/OFF control function (active high)
• Maximum output current
: 300 mA
• Output voltage
: VOUT = 1.5 ~ 5.0 V
• Reference voltage accuracy : VREF ± 2.3 % (@Tj = 25°C)
• Low quiescent current
: 1 mA (Typ.) (@IOUT = 0 A)
• Low standby current (output OFF mode): 0.2μA (Typ.)
• Low-dropout voltage
: 0.5 V (Max) (@VOUT = 3.3V, IOUT = 150m A)
• Protection function
: Over current protection / thermal shutdown
• Package type
: PS-8
Pin Assignment
Product No.
Marking
TA48LS00F
LS00
Weight : 0.08 g (Typ.)
*
Weekly code:
(Three digits)
Marking
Lot No.
8
7
6
5
1
2
3
4
1 : N.C.
2~4 : GND
5 : IN
6 : EN
7 : ADJ
8 : OUT
Year of manufacture
(Lowest-order digit of the calendar year)
Week of manufacture
(01 for the first week of the year, continuing up to 52 or 53)


Similar Part No. - TA48LS00F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS018F TOSHIBA-TA48LS018F Datasheet
308Kb / 11P
300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS025F TOSHIBA-TA48LS025F Datasheet
308Kb / 11P
300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS033F TOSHIBA-TA48LS033F Datasheet
308Kb / 11P
300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS05F TOSHIBA-TA48LS05F Datasheet
308Kb / 11P
300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
More results

Similar Description - TA48LS00F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
logo
Toshiba Semiconductor
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S00AF TOSHIBA-TA48S00AF Datasheet
227Kb / 10P
1A Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA58LT00F TOSHIBA-TA58LT00F Datasheet
221Kb / 10P
150 mA Output Current and Tracking Regulator with ON/OFF Control Switch
TA58MS05F TOSHIBA-TA58MS05F Datasheet
209Kb / 9P
500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
logo
Toshiba Semiconductor
TA58MS00F TOSHIBA-TA58MS00F Datasheet
218Kb / 8P
500-mA Adjustable-Output Voltage Regulator with On/Off Switch
2009-09-30
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com