Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA48S025AF Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TA48S025AF
Description  1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48S025AF Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TA48S025AF Datasheet HTML 3Page - Toshiba Semiconductor TA48S025AF Datasheet HTML 4Page - Toshiba Semiconductor TA48S025AF Datasheet HTML 5Page - Toshiba Semiconductor TA48S025AF Datasheet HTML 6Page - Toshiba Semiconductor TA48S025AF Datasheet HTML 7Page - Toshiba Semiconductor TA48S025AF Datasheet HTML 8Page - Toshiba Semiconductor TA48S025AF Datasheet HTML 9Page - Toshiba Semiconductor TA48S025AF Datasheet HTML 10Page - Toshiba Semiconductor TA48S025AF Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TA48S015, 018, 025, 033, 05, 09AF
2007-06-06
9
VOUT – IOUT
VOUT – IOUT
Output current IOUT (mA)
Output current IOUT (mA)
VD – IOUT
Output current IOUT (mA)
VD – Tj
Junction temperature Tj (°C)
1000
0
400
200
600
TA48S033AF
VIN = 5.3 V
Tj = 25°C
3.1
3.2
3.3
3.5
3.4
800
0
4
2
1
2
0
1
0.5
1.5
3
TA48S033AF
VIN = 5.3 V
Tj = 25°C
2.5
−40℃
0
0.8
0.6
0.2
1000
0
400
200
600
Tj
= 25℃
125℃
0.4
800
85℃
100 mA
0
0.8
0.6
0.2
150
−50
0
100
500 mA
IOUT = 1 A
0.4
50
VEN – VIN
VEN – Tj
Input voltage VIN (V)
Junction temperature Tj (°C)
16
0
8
4
1.0
1.25
1.5
2.0
1.75
12
Tj = 25 °C
I OUT = 100 mA
VEN(ON)
VEN(OFF)
0
2.0
1.0
0.5
-50
50
0
100
1.5
150
VIN = 5.3 V
I OUT = 100 mA
VEN(ON)
VEN(OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com