Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48M033F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 48M033F
Description  Three-Terminal Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

48M033F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  48M033F Datasheet HTML 1Page - Toshiba Semiconductor 48M033F Datasheet HTML 2Page - Toshiba Semiconductor 48M033F Datasheet HTML 3Page - Toshiba Semiconductor 48M033F Datasheet HTML 4Page - Toshiba Semiconductor 48M033F Datasheet HTML 5Page - Toshiba Semiconductor 48M033F Datasheet HTML 6Page - Toshiba Semiconductor 48M033F Datasheet HTML 7Page - Toshiba Semiconductor 48M033F Datasheet HTML 8Page - Toshiba Semiconductor 48M033F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TA48M025,03,033,0345,04,05F
2007-03-16
2
Ordering Method (Note 1)
Product Name
Package (Lead Type)
Packing Form
1
TA48M**F (S)
PW-Mold: Straight lead
Sack (200 pcs./sack)
TA48M**F (LBS1, S)
PW-Mold: Surface-mount
Stick (100 pcs. max)
2
TA48M**F (TE16L, S) PW-Mold: Surface-mount
Tape (700 pcs./reel)
Note 1: The “**” in each pro-forma product name is replaced with the output voltage of each product.
For example: for 3 V, “TA48M03F”
Block Diagram
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
29
V
Output current
IOUT
0.5
A
(Ta
= 25°C)
1
Power dissipation
(Tc
= 25°C)
PD
10
W
Operating temperature
Topr
−40 to 85
°C
Storage temperature
Tstg
−55 to 150
°C
Junction temperature
Tj
150
°C
Rth (j-c)
12.5
Thermal resistance
Rth (j-a)
125
°C/W
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Protection Function
Characteristics
Symbol
Min
Typ.
Max
Unit
Overvoltage
VIN
29
33
⎯
V
Overheat
Tj
⎯
175
⎯
°C
Input 1
Output 2
GND 3
Short protection
Overvoltage/
thermal shut
down protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com