Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASD03 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ASD03
Description  Isolated and Regulated 3 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD03 Datasheet(HTML) 3 Page - Astrodyne Corporation

  ASD03 Datasheet HTML 1Page - Astrodyne Corporation ASD03 Datasheet HTML 2Page - Astrodyne Corporation ASD03 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Isolated and Regulated 3 WATT Modular DC/DC Converters
a s d 0 3 series
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTROdYNE.COM
“M” Version
“H” Version
Pin #
single
dual
single
dual
1
+Input
+Input
No Pin
No Pin
2
NC
-Output
-Input
-Input
3
NC
Common
-Input
-Input
5
No Pin
No Pin
No Pin
No Pin
9
No Pin
No Pin
NC
Common
10
-Output
Common
NC
NC
11
+Output
+Output
NC
-Output
12
-Input
-Input
No Pin
No Pin
13
-Input
-Input
No Pin
No Pin
14
+Output
+Output
+Output
+Output
15
-Output
Common
NC
NC
16
No Pin
No Pin
-Output
Common
22
NC
Common
+Input
+Input
23
NC
-Output
+Input
+Input
24
+Input
+Input
No Pin
No Pin
NC = No Connection with Pin
MECHaNICaL dIMENsIONs
NOTE: Pin Size is 0.02” Inch (0.5mm) DIA
All Dimensions In Inches (mm)
Tolerance .xx = +/-0.02, .xxx = +/- 0.010



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com