Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASD30 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ASD30
Description  Isolated and Regulated 30 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD30 Datasheet(HTML) 3 Page - Astrodyne Corporation

  ASD30 Datasheet HTML 1Page - Astrodyne Corporation ASD30 Datasheet HTML 2Page - Astrodyne Corporation ASD30 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Isolated and Regulated 30 WATT Modular DC/DC Converters
a s d 3 0 series
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTROdYNE.COM
Pin #
single Outputs dual Outputs
Triple Ouputs
1
Remote On/Off
Remote On/Off
Remote On/Off
2
No Pin
No Pin
No Pin
3
- Input
- Input
- Input
4
+ Input
+ Input
+ Input
5
Trim
Trim
- Aux. Out
6
- Output
- Output
Common
7
+ Output
Common
+ 5Vout
8
No Pin
+ Output
+ Aux. Out
MECHaNICaL dIMENsIONs
dERaTE CURVE
EXTERNaL OUPUT TRIMMING
100
75
50
25
0
-20
0
20
40
60
80
100 °C
Natural Convection Cooling



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com