Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL10 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ASL10
Description  10W Ultraminiature Open Frame Global Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASL10 Datasheet(HTML) 3 Page - Astrodyne Corporation

  ASL10 Datasheet HTML 1Page - Astrodyne Corporation ASL10 Datasheet HTML 2Page - Astrodyne Corporation ASL10 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10W Ultraminiature Open Frame Global Switching Power Supplies
a s l 1 0 series
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTRODYNE.COM
MECHaNICal DIMENsIONs
J1 (aC Input)
Pin 1
AC Neutral
Pin 3
AC Line
J2 (DC Output)
Pin 1
+Vout
Pin 3
Return
10 Watt
2.0
2.28
0.68
0.12” Dia. Mtg Holes (4 plcs)
0.1
0.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com