Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV75533PDBVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75533PDBVR
Description  TLV755P 500mA, Low-IQ, Small-Size, Low-Dropout Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75533PDBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV75533PDBVR Datasheet HTML 17Page - Texas Instruments TLV75533PDBVR Datasheet HTML 18Page - Texas Instruments TLV75533PDBVR Datasheet HTML 19Page - Texas Instruments TLV75533PDBVR Datasheet HTML 20Page - Texas Instruments TLV75533PDBVR Datasheet HTML 21Page - Texas Instruments TLV75533PDBVR Datasheet HTML 22Page - Texas Instruments TLV75533PDBVR Datasheet HTML 23Page - Texas Instruments TLV75533PDBVR Datasheet HTML 24Page - Texas Instruments TLV75533PDBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
7.4 Layout
7.4.1 Layout Guidelines
• Place input and output capacitors as close as possible to the device.
• Use copper planes for device connections to optimize thermal performance.
• Place thermal vias around the device to distribute the heat.
• For packages with thermal pads, solder the thermal pad to copper to achieve best thermal resistance.
Thermal resistance increases significantly when the thermal pad is not soldered.
7.4.2 Layout Examples
OUT
IN
GND PLANE
Represents via used for application
specific connections
1
2
3
4
C
IN
C
OUT
EN
Figure 7-6. Layout Example for the DQN Package
VOUT
VIN
GND PLANE
Represents via used for
application specific connections
1
2
3
4
5
C
OUT
C
IN
EN
Figure 7-7. Layout Example for the DBV Package
VIN
VOUT
GND PLANE
Represents via used for
application specific connections
1
2
3
4
6
C
IN
C
OUT
EN
5
Figure 7-8. Layout Example for the DRV Package
www.ti.com
TLV755P
SBVS320D – NOVEMBER 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV755P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com