Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD20G48- Datasheet(PDF) 2 Page - Astec America, Inc

Part # ALD20G48-
Description  Single Output 16th Brick: 60Watts
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALD20G48- Datasheet(HTML) 2 Page - Astec America, Inc

  ALD20G48- Datasheet HTML 1Page - Astec America, Inc ALD20G48- Datasheet HTML 2Page - Astec America, Inc ALD20G48- Datasheet HTML 3Page - Astec America, Inc ALD20G48- Datasheet HTML 4Page - Astec America, Inc ALD20G48- Datasheet HTML 5Page - Astec America, Inc ALD20G48- Datasheet HTML 6Page - Astec America, Inc ALD20G48- Datasheet HTML 7Page - Astec America, Inc ALD20G48- Datasheet HTML 8Page - Astec America, Inc ALD20G48- Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Technical Reference Notes
ALD12/18/20/25 Series
(Single Output 16
th Brick)
MODEL: ALD12/18/20/25 SERIES
SHEET 2 OF 20
AUGUST 17, 2005 – REVISION C
Electrical Specifications
ABSOLUTE MAXIMUM RATINGS
Stresses in excess of the absolute maximum ratings can cause permanent damage to the converter. Functional operation of
the device is converter is not implied at these or any other conditions in excess of those given in the operational section of
the specs. Exposure to absolute maximum ratings for extended period can adversely affect device reliability.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage
1
Continuous
Transient (100ms)
All
VIN
VIN, trans
-0.3
-
-
-
75
100
Vdc
Isolation Voltage
Input to Output
All
1500
-
-
Vdc
Operating Temperature
All
Ta
-40
-
85
ºC
Storage Temperature
All
TSTG
-40
-
125
ºC
Operating Humidity
All
-
10
-
85
%
Max Voltage at Enable Pin
All
-0.6
-
25
Vdc
Max Output Power
A (5V0)
-
-
60
W
F (3V3)
-
-
60
W
G (2V5)
-
-
50
W
Y (1V8)
-
-
45
W
M (1V5)
-
-
38
W
K (1V2)
-
-
30
W
INPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage Range
All
VIN
36
48
75
Vdc
Input Under-Voltage Lock-out
T_ON Threshold
T_OFF Threshold
All
34.0
31.0
34.8
32.5
36.0
33.5
Vdc
Input Current
1
(VIN = VIN, Min; IO = IO, Max)
5V0 (A)
3V3 (F)
2V5 (G)
1V8 (Y)
1V5 (M)
1V2 (K)
IIN-MAX
-
-
-
-
-
-
-
-
2.4
2.4
1.9
1.6
1.4
1.1
A
Max Pdiss @ IO = 0A
(VIN = VIN, Nom; TA ≥ 25°C)
5V0 (A)
3V3 (F)
2V5 (G)
1V8 (Y)
1V5 (M)
1V2 (K)
-
-
-
-
-
-
-
-
4.1
3.9
3.4
3.4
3.4
2.6
W
Input Ripple Current
2
5Hz to 20MHz
All
II1
-
-
10
mAp-p
Input Voltage Rise Time
10% to 90% of Vout
All
-
1
-
V/ms
Inrush Current
All
I
2/s
-
-
1
A
2/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com