Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK150S Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # MK150S
Description  Compact 150 Watt Enclosed Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MK150S Datasheet(HTML) 2 Page - Astrodyne Corporation

  MK150S Datasheet HTML 1Page - Astrodyne Corporation MK150S Datasheet HTML 2Page - Astrodyne Corporation MK150S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Compact 150 Watt Enclosed Switching Power Supplies
m k 1 5 0 s series
300 myles standish Blvd., Taunton, mA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COm
INPUT sPECIFICATIONs
Input Voltage Range
88-132/176-264 VAC
Auto Voltage Select
Frequency Range
47-63 Hz
Inrush Current, typ:
20A @ 100VAC *
40A @ 200VAC *
OUTPUT sPECIFICATIONs
Voltage and Current
See Selection Chart
Line/Load Regulation (10%-FL)
± 0.5%, typ
Voltage Tolerance
± 1%, typ
DC Voltage Adjust (typ)
± 6%, typ
Temperature Coefficient
± 0.03%/°C
Ripple/Noise
100mV, typ
Over Voltage Protection
130%, Latching, Re-power *
Short Circuit Protection
160%, Indefinite
Hold Up Time
20mS, typ (Nom I/P, FL)
Turn On Time
≤ 1.0 sec, typ
Rise Time
≤ 20 msec, typ
Over/Under Shoot
< 10% of FS
GENERAL sPECIFICATIONs
Isolation
I/P-O/P: 3000VAC
I/P-Ground: 1500VAC
O/P-Ground: 500 VAC
Efficiency
78%, typ
Switching Frequency
100Khz, (fixed, typical)
Safety
EN60950, IEC60950
UL60950
ENVIRONmENTAL sPECIFICATIONs
Oper. Temperature
0 to +60°C
(See Derate Curve)
Storage Temperature
-25 to +85°C *
Relative Humidity
10% to 90%, non-cond *
EMI (Designed to Meet)
EN55011, Class B
MTBF
100,000 Hrs
Mil Std 217, 25°C
PHYsICAL sPECIFICATIONs
Size
6” x 3.5” x 1.75”
Construction
Enclosed
Weight
1.37 lb, (630g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com