Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3460R Datasheet(PDF) 72 Page - Microchip Technology

Part # MCP3460R
Description  Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3460R Datasheet(HTML) 72 Page - Microchip Technology

Back Button MCP3460R Datasheet HTML 68Page - Microchip Technology MCP3460R Datasheet HTML 69Page - Microchip Technology MCP3460R Datasheet HTML 70Page - Microchip Technology MCP3460R Datasheet HTML 71Page - Microchip Technology MCP3460R Datasheet HTML 72Page - Microchip Technology MCP3460R Datasheet HTML 73Page - Microchip Technology MCP3460R Datasheet HTML 74Page - Microchip Technology MCP3460R Datasheet HTML 75Page - Microchip Technology MCP3460R Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 103 page
background image
MCP3460R
DS20006975A page 72
 2025 Microchip Technology Inc. and its subsidiaries
3.
IRQ pin state. The interrupt generates an IRQ
pin falling edge (transition to logic low) as soon
as it happens.
The data ready interrupt is cleared by the first of the
following two events:
• First falling edge of SCK during an ADC Output
Data register read
• 16 DMCLK clock periods before current
conversion ends
If the user does not read the ADCDATA register in time
in Continuous Conversion mode or in Scan mode, the
IRQ pin will automatically reset to its Inactive state
16 DMCLKs, prior to the new data ready interrupt. This
feature is designed in order to avoid the case where the
IRQ pin is logic low if the reading of ADC data is not
performed. The user can then determine exactly when
to expect the new data and can respect the tDODR
timing in all cases to ensure a proper reading of the
ADC data. See Figure 6-13 for more details.
FIGURE 6-13:
Data Ready Interrupt IRQ Pin Timing Diagram.
6.8.2
CONVERSION CYCLE START
INTERRUPT
This interrupt is the only selectable one and the only
one not present in the STATUS byte on the SDO and
IRQ registers. It is only available on the IRQ pin. The
user can enable or disable this output by using:
•[EN_STP] = 1: The conversion start interrupt
output is enabled (default).
•[EN_STP] = 0: The conversion start interrupt
output is disabled.
This interrupt marks the beginning of a conversion
cycle. In case of a One-Shot mode or Continuous mode
conversion in MUX mode, it marks the start of the
sampling in the first conversion (after the ADC start-up
delay of 256 DMCLK periods). In case of a Scan mode,
it marks the start of the sampling in the first conversion
of the first Scan mode cycle. The host MCU can utilize
this interrupt to synchronize the start of the ADC con-
version and manage synchronous events together with
the conversion process (see Figure 6-15 for more
details).
FIGURE 6-14:
Conversion Start IRQ Timing Diagram.
This interrupt marks the beginning of a conversion
cycle. In case of a One-Shot mode or Continuous mode
conversion in MUX mode, it marks the start of the
sampling in the first conversion (after the ADC start-up
delay of 256 DMCLK periods). In case of a Scan mode,
it marks the start of the sampling in the first conversion
of the first Scan mode cycle. The host MCU can utilize
this interrupt to synchronize the start of the ADC con-
version and manage synchronous events together with
the conversion process (see Figure 6-15 for more
details).
SPI
IRQ
TCON V
Transition time
tDOD R
Read A DC DATA1
1/DRCLK
TDRH
DATA1 can be read dur ing this time
Interrupt is cleared
at first SCK falling edge
after ADCDATA read start
ADCDATA
REGISTER
DATA1
DATA0
Interrupt is cleared
automatically if ADCDATA
has not been read in time
Read A DC DATA2
1/DRCLK
TDRH
DATA2 can be read dur ing this time
DATA2
Data Ready Interrupt
C OMM AN D By te
Read A DCDATA
C OMM AN D By te
Read A DCDATA
Transition time
tDOD R
00
ADC_MODE
IRQ
TADC_SETUP
TCON V
TSTP
11
Conversion
Start IRQ
(EN_STP = 1)
Data Ready
IRQ
Shu tdo wn
ADC STATUS
1st Co nv ers ion in
either MU X or SCAN mode
Start-u p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com