Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4607A Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC4607A
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607A Datasheet(HTML) 4 Page - Microchip Technology

  MIC4607A Datasheet HTML 1Page - Microchip Technology MIC4607A Datasheet HTML 2Page - Microchip Technology MIC4607A Datasheet HTML 3Page - Microchip Technology MIC4607A Datasheet HTML 4Page - Microchip Technology MIC4607A Datasheet HTML 5Page - Microchip Technology MIC4607A Datasheet HTML 6Page - Microchip Technology MIC4607A Datasheet HTML 7Page - Microchip Technology MIC4607A Datasheet HTML 8Page - Microchip Technology MIC4607A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
MIC4607A
DS-20006957A-page 4
 2024 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †, (Note 2)
Supply Voltage (VDD, VxHB – VxHS)............................................................................................................... -0.3V to 18V
Input Voltages (VxLI, VxHI, VxPWM, VEN)............................................................................................ -0.3V to VDD + 0.3V
FLT/ Pin ............................................................................................................................................. -0.3V to VDD + 0.3V
DLY Pin ......................................................................................................................................................... -0.3V to 18V
Voltage on xLO (VxLO)....................................................................................................................... -0.3V to VDD + 0.3V
Voltage on xHO (VxHO)............................................................................................................. VHS – 0.3V to VHB + 0.3V
Voltage on xHS (Continuous)........................................................................................................................ -0.3V to 90V
Voltage on xHB .........................................................................................................................................................108V
ILIM+ ............................................................................................................................................................. -0.3V to +5V
ILIM– ............................................................................................................................................................. -0.3V to +2V
Average Current in VDD to HB Diode ....................................................................................................................100 mA
ESD Protection on All Pins (Note 1):
HBM...........................................................................................................................................................±1 kV
CDM Corner Pins......................................................................................................................................±750V
CDM All Other Pins...................................................................................................................................±500V
Operational Characteristics ††, (Note 2)
Supply Voltage (VDD), [decreasing VDD] ...................................................................................................... 5.25V to 16V
Supply Voltage (VDD), [increasing VDD] ......................................................................................................... 5.5V to 16V
Voltage on xHS ............................................................................................................................................. -0.3V to 85V
Voltage on xHS (repetitive transient <100 ns)............................................................................................... -0.7V to 90V
ILIM+ to VSS (Continuous) ......................................................................................................................... -0.25V to +1V
ILIM- to VSS (Continuous) .......................................................................................................................... -0.25V to +1V
ILIM+ to ILIM- (Continuous) ........................................................................................................................ -0.25V to +1V
HS Slew Rate........................................................................................................................................................50 V/ns
Voltage on xHB ......................................................................................................................... VHS + 5.5V to VHS + 16V
and/or...................................................................................................................................... VDD –1V to VDD +85V
Note 1: Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series with 100 pF.
2: An “x” in front of a pin name refers to either A, B or C phase (e.g. xHI can be either AHI, BHI or CHI).
†Notice: Exceeding the absolute maximum ratings may damage the device.
†† Notice: The device is not guaranteed to function outside its operating ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com