Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0803079 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803079
Description  TMT (EX9,5)R CUS - Marker for terminal blocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803079 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803079 Datasheet HTML 1Page - PHOENIX CONTACT 0803079 Datasheet HTML 2Page - PHOENIX CONTACT 0803079 Datasheet HTML 3Page - PHOENIX CONTACT 0803079 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Product properties
Product type
Labeled terminal marker
Type
flat
Mounting
Mounting type
snap into universal marker groove
Material specifications
RoHS compliant
yes
Color
white (RAL 9010)
Material
PVC
Components
Silicone-free
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Ambient conditions
Ambient temperature (operation)
-30 °C ... 80 °C
Recommended storage conditions
10 ... 30 °C / 40 ... 70 % relative humidity. Storage in the original
packaging is recommended prior to processing.
Recommended ambient temperature (storage/transport)
10 °C ... 30 °C
Recommended humidity (storage/transport)
40 % ... 70 %
Shelf life
12 months
Dimensions
Width
9.5 mm
Length
50 m
Text field
Text field width
9.5 mm
Text field height
50000 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
TMT (EX9,5)R CUS - Marker for terminal blocks
0803079
https://www.phoenixcontact.com/us/products/0803079
May 2, 2025, 12:14AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com