Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4001 Datasheet(PDF) 4 Page - SYC Electronica

Part # CD4001
Description  Quad 2-Input NOR Buffered B Series Gate •
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4001 Datasheet(HTML) 4 Page - SYC Electronica

  CD4001 Datasheet HTML 1Page - SYC Electronica CD4001 Datasheet HTML 2Page - SYC Electronica CD4001 Datasheet HTML 3Page - SYC Electronica CD4001 Datasheet HTML 4Page - SYC Electronica CD4001 Datasheet HTML 5Page - SYC Electronica CD4001 Datasheet HTML 6Page - SYC Electronica CD4001 Datasheet HTML 7Page - SYC Electronica CD4001 Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics (Note 5)
CD4011BC: TA= 25°C, Input tr; tf = 20 ns. CL = 50 pF, RL = 200k. Typical Temperature Coefficient is 0.3%/°C.
Note 5: AC Parameters are guaranteed by DC correlated testing.
Typical Performance Characteristics
Typical
Transfer Characteristics
Typical
Transfer Characteristics
Typical
Transfer Characteristics
Symbol
Parameter
Conditions
Typ
Max
Units
tPHL
Propagation Delay,
VDD = 5V
120
250
ns
HIGH-to-LOW Level
VDD = 10V
50
100
ns
VDD = 15V
35
70
ns
tPLH
Propagation Delay,
VDD = 5V
85
250
ns
LOW-to-HIGH Level
VDD = 10V
40
100
ns
VDD = 15V
30
70
ns
tTHL, tTLH Transition Time
VDD = 5V
90
200
ns
VDD = 10V
50
100
ns
VDD = 15V
40
80
ns
CIN
Average Input Capacitance
Any Input
5
7.5
pF
CPD
Power Dissipation Capacity
Any Gate
14
pF
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com