Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL0512101 Datasheet(PDF) 2 Page - AMETHERM Circuit Protection Thermistors

Part # SL0512101
Description  Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL0512101 Datasheet(HTML) 2 Page - AMETHERM Circuit Protection Thermistors

  SL0512101 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors SL0512101 Datasheet HTML 2Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SL05 12101
Resistance Temperature Curve
Temperature
R@T/R@25
°C
-50
26.32
-40
15.41
-30
9.357
-20
5.870
-10
3.792
0
2.514
5
2.6908
10
2.0785
15
1.6173
20
1.2674
25
1.0000
30
0.7942
35
0.6348
40
0.5105
45
0.4129
50
0.3359
55
0.2748
60
0.2259
65
0.1867
70
0.1550
75
0.1293
80
0.1084
85
0.9120
90
0.7710
95
0.6540
100
0.5570
105
0.4760
110
0.4080
115
0.3510
120
0.3030
125
0.2630
130
0.2280
135
0.1990
140
0.1730
145
0.1520
150
0.1330



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com