Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84-6341_2B20 Datasheet(PDF) 2 Page - EAO AG.

Part # 84-6341_2B20
Description  Stop switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

84-6341_2B20 Datasheet(HTML) 2 Page - EAO AG.

  84-6341_2B20 Datasheet HTML 1Page - EAO AG. 84-6341_2B20 Datasheet HTML 2Page - EAO AG. 84-6341_2B20 Datasheet HTML 3Page - EAO AG. 84-6341_2B20 Datasheet HTML 4Page - EAO AG. 84-6341_2B20 Datasheet HTML 5Page - EAO AG. 84-6341_2B20 Datasheet HTML 6Page - EAO AG.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Your product:
84-6341.2B20
Stop switch
FRONT
MOUNTING
OPERATING-/INDICATION PART
ELECTRICAL CHARACTERISTICS
Ø 32 mm
Round
Front dimension:
Front form:
Ø 22.3 mm
Panel mounting
Mounting cut-out:
Mounting type:
Black
Plastic
Illuminated
Mushroom-head
opaque
round
Black
Red
Lens colour:
Lens material:
Lens illumination:
Lens shape:
Lens optics:
Lens:
Switching position ring:
Illumination colour:
Switching voltage and switching
current:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com