Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCT2-200 Datasheet(PDF) 2 Page - Metcal

Part # HCT2-200
Description  Digital Hot Air Pencil
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

HCT2-200 Datasheet(HTML) 2 Page - Metcal

  HCT2-200 Datasheet HTML 1Page - Metcal HCT2-200 Datasheet HTML 2Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
in
HCT2-200
Digital Hot Air Pencil
metcal.com/hct2
Features and Benefits
•
200 Watt Ceramic Heater and Dual
Stage
Air Pump:
Provides the power and
performance needed to deliver the right
amount of thermal energy.
•
Two LED displays provide a graphical and
numerical representation of the desired
airflow and temperature.
•
A
microprocessor controlled, closed loop
feedback system provides fast heating,
precise and stable temperature control.
•
When the hand-piece
is placed into the workstand, the
temperature will drop prolonging
heater life.
•
and-piece
has been redesigned to allow removal from
front of the machine.
•
Slim and ergonomic design hand-piece that
feels like a pencil, with a rubber grip.
•
can be changed
.
•
Six nozzles (1.5 mm – 4.0 mm) are
included in the unit with a nozzle plate
holder inside the workstand.
The HCT2-200 was developed for very small surface
mount component and package sizes (1206’s and
smaller) and low board densities. For denser
PCBA’s or applications with heavy copper planes,
boards
2
SOIC’s
0201’s
1206’s
HCT2-200 Digital Hot Air Pencil
10 to 40 °C
50/60 Hz
200W
1.5 – 7.0 LPM
Typically under 52dBA at max
airflow
100°-450°C
10% of display value ( > 250°C)
cNRTLus, CE, RoHS + WEEE
105 -109
/sq
10.6 cm (4.2”) x 21.3 cm (8.4”) x
17.0cm (6.7”)
7.6 cm (3.0”) x 16.8 cm (6.6”) x 8.6
cm (3.4”)
5.8 lbs. (2.63 kg)
0.9 lbs. (.4 kg)
Models
HCT2-200-11 Digital Hot Air Pencil, 110 VAC
HCT2-200-21 Digital Hot Air Pencil, 220-240 VAC
System includes: Hot air pencil, pack of 6 straight
nozzles, workstand with nozzle holder
Part #
Description
HN-120KIT-6
Pack of 6 straight nozzles (1.5mm, 2.0mm,
2.5mm, 3.0mm, 3.5mm, 4.0mm)
HN-HCT2-BENT-6
Pack of 6 bent nozzles (1.5mm, 2.0mm,
2.5mm, 3.0mm, 3.5mm, 4.0mm)
HCT2-200-HP
Replacement Hand-piece
HCT-WS120
Replacement Workstand with
nozzle holder
HCT-HTR200
Replacement 200W Heater
-11 110 VAC, grounded circuit
-21 220–240 VAC, grounded circuit
170828-1200-JS
HCT-HTR200



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com