Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U545CEU6Q Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM32U545CEU6Q
Description  Getting started with STM32CubeU5 for STM32U5 series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CEU6Q Datasheet(HTML) 3 Page - STMicroelectronics

  STM32U545CEU6Q Datasheet HTML 1Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 2Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 3Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 4Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 5Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 6Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 7Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 8Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
2
STM32CubeU5 main features
The STM32CubeU5 MCU package runs on STM32 32-bit microcontrollers based on the Arm® Cortex®-M33
processor with Arm® TrustZone® and FPU.
The STM32CubeU5 gathers, in a single package, all the generic embedded software components required to
develop an application for the STM32U5 series microcontrollers. In line with the STM32Cube initiative, this set of
components is highly portable, not only within the STM32U5 series microcontrollers but also to other STM32
series.
The STM32CubeU5 is fully compatible with the STM32CubeMX code generator for generating initialization code.
The package includes low-layer (LL) and hardware abstraction layer (HAL) APIs that cover the microcontroller
hardware, together with an extensive set of examples running on STMicroelectronics boards. The HAL and LL
APIs are available in open-source BSD license for user convenience.
The STM32CubeU5 MCU package also contains a comprehensive middleware component constructed around
Microsoft® Azure® RTOS middleware and other in-house and open source stacks, with the corresponding
examples.
They come with free user-friendly license terms:
Integrated and full featured RTOS: ThreadX
CMSIS-RTOS implementation with ThreadX
USB host and device stacks coming with many classes: USBX
Advanced file system and flash memory translation layer: FileX / LevelX
Industrial grade networking stack: optimized for performance coming with many IoT protocols: NetX Duo
USB PD library
Open bootloader
Arm trusted Firmware-M (TF-M) integration solution
MCU boot
Mbed Crypto libraries
STMicroelectronics network library
STMTouch touch sensing library solution.
Several applications and demonstrations implementing all these middleware components are also provided in the
STM32CubeU5 MCU package.
The STM32CubeU5 MCU package component layout is illustrated in Figure 1.
UM2883
STM32CubeU5 main features
UM2883 - Rev 4
page 3/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com