Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U595AIH6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32U595AIH6
Description  Getting started with STM32CubeU5 for STM32U5 series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AIH6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32U595AIH6 Datasheet HTML 18Page - STMicroelectronics STM32U595AIH6 Datasheet HTML 19Page - STMicroelectronics STM32U595AIH6 Datasheet HTML 20Page - STMicroelectronics STM32U595AIH6 Datasheet HTML 21Page - STMicroelectronics STM32U595AIH6 Datasheet HTML 22Page - STMicroelectronics STM32U595AIH6 Datasheet HTML 23Page - STMicroelectronics STM32U595AIH6 Datasheet HTML 24Page - STMicroelectronics STM32U595AIH6 Datasheet HTML 25Page - STMicroelectronics STM32U595AIH6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
6
FAQ
6.1
What is the license scheme for the STM32CubeU5 MCU package?
The HAL is distributed under a non-restrictive BSD (berkeley software distribution) license.
The middleware stacks made by STMicroelectronics (ex: USBPD library) come with a licensing model allowing
easy reuse, provided it runs on an STMicroelectronics device.
The middleware based on well-known open-source solutions (TFM) have user-friendly license terms. For more
details, refer to the appropriate middleware license agreement.
6.2
What boards are supported by the STM32CubeU5 MCU package?
The STM32CubeU5 MCU package provides BSP drivers and ready-to-use examples for the following STM32U5
series boards:
•
NUCLEO-U575ZI-Q
•
STM32U575I-EV
•
B-U585I-IOT02A
•
NUCLEO-U5A5ZJ-Q
•
NUCLEO-U545RE-Q
•
STM32U5A9J-DK
•
STM32U5G9J-DK2
•
STM32U5G9J-DK1
6.3
Are any examples provided with the ready-to-use toolset projects?
Yes. STM32CubeU5 provides a rich set of examples and applications. They come with the preconfigured projects
for IAR Embedded Workbench®, Keil®, and STM32CubeIDE.
6.4
How to enable TrustZone® on STM32U5 series devices?
All STM32U5 series devices support TrustZone®. Factory default state is TrustZone® disabled. The TrustZone®
security is activated with the TZEN option bit in the FLASH_OPTR register. The configuration of the user option
bytes may be done with a STM32CubeProgrammer (STM32CubeProg).
6.5
How to disable TrustZone® on STM32U5 series devices?
The following sequence is needed to disable TrustZone®:
•
Boot from user flash memory:
1. Make sure that secure and nonsecure applications are well loaded and executed (jump done on
nonsecure application).
2. Set RDP to level 1 through STM32CubeProgrammer if not yet done. Then only hotplug connection is
possible during nonsecure application execution.
3. Use a power supply different than STLINK in order to be able to connect to the target.
4. Uncheck the "TZEN" box and set RDP to level 0 (option byte value 0xAA), then click on "Apply".
•
Boot from RSS:
1. Make sure to apply a high level on the BOOT0 pin (make sure that "nSWBOOT0 option byte" is
checked).
2. Set RDP to level 1 through STM32CubeProgrammer if not yet done. Then only hotplug connection is
possible during nonsecure application execution.
3. Use a power supply different than STLINK in order to be able to connect to the target.
4. Uncheck the "TZEN" box and set RDP to level 0 (option byte value 0xAA), then click on "Apply".
Refer to AN5347 for more details.
UM2883
FAQ
UM2883 - Rev 4
page 22/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com