| Electronic Components Datasheet Search |
|
STM32U595AIH6Q Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595AIH6Q Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 30 page ![]() • NetX duo – Industrial grade networking stack: optimized for performance coming with many IoT protocols. • FileX/levelX – Advanced flash memory file system (FS) / flash memory translation layer (FTL): fully featured to support NAND/NOR flash memories • USBX – USB host and device stacks coming with many classes • USB PD device and Core libraries – New USB Type-C® power delivery service. Implementing a dedicated protocol for the management of power in this evolution of the USB.org specification. Refer to http://www.usb.org/developers/ powerdelivery/ for more details. – PD3 specifications (support of source / sink / dual role) – Fast role swap – Dead battery – Use of configuration files to change the core and the library configuration without changing the library code (read only) – RTOS and standalone operation – Link with the low-level driver through an abstraction layer using the configuration file. The goal is to avoid any dependency between the library and the low-level drivers • Open bootloader – It provides an open source bootloader with exactly the same features as the STM32 system bootloader and with the same tools used for the system bootloader. • Arm trusted firmware-M (TF-M) – Reference implementation of the Arm platform security architecture (PSA) for TrustZone® – Secure services are: ◦ Secure storage service ◦ Attestation ◦ Crypto service ◦ TF-M audit log ◦ Platform service Note: An example of the TF-M application is available in the STM32CubeU5 firmware package under \Projects\B-U585I-IOT02A\Applications\TFM. • MCU boot • Mbed™ crypto – Open source cryptography library that supports a wide range of cryptographic operations, including: ◦ Key management ◦ Hashing ◦ Symmetric cryptography ◦ Asymmetric cryptography ◦ Message authentication (MAC) ◦ Key generation and derivation ◦ Authenticated encryption with associated data (AEAD). • Network Library – It provides network services on STM32 devices. – It provides a socket API (BSD like style) with support of secure or nonsecure connection. It provides also an API to control the lifecycle of the network adapters. – Three classes of network adapters are supported WIFI, Ethernet, and cellular. Different WIFI modules are supported from third party vendors. • The STM32 touch sensing library: – Robust STMTouch capacitive touch sensing solution supporting proximity, touchkey, linear and rotary touch sensors. It is based on a proven surface charge transfer acquisition principle. UM2883 STM32CubeU5 architecture overview UM2883 - Rev 4 page 7/30 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |