Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA14535MOD Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # DA14535MOD
Description  SmartBond TINY Bluetooth® LE Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14535MOD Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button DA14535MOD Datasheet HTML 6Page - Renesas Technology Corp DA14535MOD Datasheet HTML 7Page - Renesas Technology Corp DA14535MOD Datasheet HTML 8Page - Renesas Technology Corp DA14535MOD Datasheet HTML 9Page - Renesas Technology Corp DA14535MOD Datasheet HTML 10Page - Renesas Technology Corp DA14535MOD Datasheet HTML 11Page - Renesas Technology Corp DA14535MOD Datasheet HTML 12Page - Renesas Technology Corp DA14535MOD Datasheet HTML 13Page - Renesas Technology Corp DA14535MOD Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
SmartBond TINY Bluetooth® LE Module
R18DS0042EE0300 Revision 3.0
June 21, 2024
CFR0011-120-00
Page 10
5.
Characteristics
All MIN/MAX specification limits are guaranteed by design, production testing, and/or statistical characterization.
Typical values are based on characterization results at default measurement conditions and are informative only.
Default measurement conditions (unless otherwise specified): VBAT = 3.0 V, TA = 25
°C. All radio measurements
are done with standard RF measurement equipment.
5.1
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These are stress ratings only, so functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specification are not implied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
Table 2: Absolute maximum ratings
Parameter
Description
Conditions
Min
Max
Unit
VBAT_LIM
Limiting battery supply voltage
-0.2
3.6
V
5.2
Recommended Operating Conditions
Table 3: Recommended operating conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
VBAT
Battery supply voltage
Voltage range within FLASH
programming is possible
1.65
3.6
V
VBAT_NOM
Nominal battery supply voltage
3
V
VPIN
Voltage on a pin
-0.2
3.6
V
TA
Ambient operating temperature
-40
25
85
°C
5.3
Device Characteristics
Table 4: DC characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
IBAT_ACTIVE
Battery supply current
CPU running CoreMark from
RAM at 16 MHz.
0.47
mA
IBAT_BLE_ADV_
100ms
Average battery supply current
System in Advertising state (3
channels) every 100 ms and
extended sleep with all RAM
retained. TX output power at 3
dBm. FLASH is off.
79
μA
IBAT_BLE_CONN
_30ms
Average battery supply current
System in a connection state
with 30 ms connection interval
and extended sleep with all
RAM retained. TX output
power at 3 dBm. FLASH is off.
105
μA
IBAT_FLASH
Battery supply current
CPU fetching code from serial
FLASH. RF is off.
0.6
mA
IBAT_HIBERN
Battery supply current
System shut down
(Hibernation or shipping
mode). FLASH is off.
0.9
μA
IBAT_IDLE
Battery supply current
CPU in Wait for Interrupt
Mode. FLASH is off.
0.22
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com