Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP-150 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # TP-150
Description  150W Triple Output with PFC Function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

TP-150 Datasheet(HTML) 2 Page - Astrodyne Corporation

  TP-150 Datasheet HTML 1Page - Astrodyne Corporation TP-150 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T P - 1 5 0 series
150W Triple Output with PFC Function
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Mechanical�Specification
Derating�Curve
Output�Derating�VS�Input�Voltage
File�Name:TP-150-SPEC���2005-09-13
Case�No.�916B�����Unit:mm
AMBIENT�TEMPERATURE�(
)
INPUT�VOLTAGE�(VAC)�60Hz
90
100
115
135
155
264
230
Terminal�Pin�No. Assignment�:
Pin�No.
Pin�No.
Pin�No.
1
4
8,9
3
2
5
6,7
Assignment
Assignment
Assignment
AC/L
DC�OUTPUT V3
DC�OUTPUT COM
DC�OUTPUT V2
DC�OUTPUT V1
FG
AC/N
20
40
60
80
100
-10
-10
0
0
10
20
30
40
50
60 (HORIZONTAL)
90
100
80
70
60
50
40
117
25
4-M4�L=6mm
5-M3�L=6mm
1
2
4
3
199
168
65
55
15
20
LED
+V ADJ.2
+V ADJ.1
6
5
7
9
8
2-M4
Air�flow
direction
150W Triple�Output�with�PFC�Function
T P - 1 5 0 series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com