Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS205KN Datasheet(PDF) 2 Page - Rohm

Part # SCS205KN
Description  SiC Schottky Barrier Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS205KN Datasheet(HTML) 2 Page - Rohm

  SCS205KN Datasheet HTML 1Page - Rohm SCS205KN Datasheet HTML 2Page - Rohm SCS205KN Datasheet HTML 3Page - Rohm SCS205KN Datasheet HTML 4Page - Rohm SCS205KN Datasheet HTML 5Page - Rohm SCS205KN Datasheet HTML 6Page - Rohm SCS205KN Datasheet HTML 7Page - Rohm SCS205KN Datasheet HTML 8Page - Rohm SCS205KN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SCS205KN
IR
IF
IF
IF
lElectrical characteristics (T
vj = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
-
1.8
-
V
-
1.9
-
V
DC blocking voltage
VDC
1200
-
-
V
Forward voltage
VF
-
1.4
1.6
V
= 0.1mA
-
40
-
mA
-
65
-
2.5
100
-
mA
Reverse current
IR
21
-
pF
Total capacitive charge
QC
VR = 800V, di/dt = 500A/μs
-
12
-
nC
Total capacitance
C
VR = 1V, f= 1MHz
-
260
-
pF
VR= 800V, f= 1MHz
-
mA
VR = 1200V, Tvj = 25°C
VR = 1200V, Tvj = 150°C
Unit
Min.
Typ.
Max.
ns
Switching time
tC
VR = 800V, di/dt = 500A/μs
-
10
-
3.83 × 10
-1
-1
-5
0
lThermal characteristics
Parameter
Symbol
Conditions
Values
4.32
× 10
-4
-3
× 10
K/W
Cth1
4.38
× 10
Cth3
K/W
Thermal resistance
RthJC
-
-
1.3
1.8
VR = 1200V, Tvj = 175°C
= 5A, Tvj = 25°C
= 5A, Tvj = 150°C
= 5A, Tvj = 175°C
Ws/K
Rth2
lTypical Transient Thermal Characteristics
Symbol
Value
Unit
Symbol
Value
Unit
8.83 × 10
Cth2
1.52 × 10
Rth3
3.74
Rth1
PD
T
j
T
c
T
a
R
th,n
R
th1
C
th1
C
th2
C
th,n
2/8
www.rohm.com
©2024 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSQ50244-SCS205KN
27.Sep.2024 - Rev.001
Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com