Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2N7002HT-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # A2N7002HT-HF
Description  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

A2N7002HT-HF Datasheet(HTML) 2 Page - Comchip Technology

  A2N7002HT-HF Datasheet HTML 1Page - Comchip Technology A2N7002HT-HF Datasheet HTML 2Page - Comchip Technology A2N7002HT-HF Datasheet HTML 3Page - Comchip Technology A2N7002HT-HF Datasheet HTML 4Page - Comchip Technology A2N7002HT-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Conditions
Min
Max
Unit
Drain-source breakdown voltage
VGS = 0V, ID = 250µA
Drain-source leakage current
VDS = 60V, VGS = 0V
VDSS
IDSS
60
1
V
Typ
Off Characteristics
Electrical Characteristics (at TA=25°C unless otherwise noted)
Gate-body leakage
VGS = ±20V, VDS = 0V
IGSS
±10
µA
µA
2.5
VDS = VGS, ID = 250µA
VGS = 5V, ID = 0.05A
RDS(ON)
3
1
Gate threshold voltage
VGS(th)
Static drain-source on resistance
Reverse transfer capacitance
Input capacitance
Turn-on delay time
Turn-off delay time
Turn-on rise time
Turn-off fall time
Coss
Crss
td(on)
tr
td(off)
tf
6
5
25
15
nS
VGS = 0V, VDS = 20V, f = 1MHZ
Ciss
41
Dynamic Characteristics (Note 3)
Output capacitance
15
4
pF
VGS = 10V, RG = 25Ω,
RL = 150Ω
VDD = 30V, ID = 0.2A,
Switching Characteristics (Note 3)
V
1.5
1.5
Page 2
MOSFET
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
On Characteristics (Note 2)
Drain-Source Diode Characteristics
Diode forward voltage (Note 1)
VSD
0.85
1.2
V
IS = 0.3A, VGS = 0V
Ω
Diode continuous forward current
IS
0.3
A
TC =25°C
VGS = 10V, ID = 0.5A
2.5
1.45
Notes: 1. Surface mounted on FR4 board, t ≤ 10 sec.
2. Pulse width ≤ 300µs, duty cycle ≤ 2%.
4. Pulse width limited by maximum junction temperature.
3. Guaranteed by design, not subject to production.
REV:A
AQW-JTR14



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com