Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4008LS2 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # S4008LS2
Description  Isc Thyristors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

S4008LS2 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  S4008LS2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited S4008LS2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Isc Thyristors
S4008LS2
www.iscsemi.com
1
FEATURES
· With TO-220 insulated package
· Glass passivated junction
· Halogen-free and RoHS-compliant
· Surge capability up to 100A at 60Hz half cycle
APPLICATIONS
· AC control and rectification for power tools, home/brown goods
· Strobe lights, nailers, staplers and gas engine ignition
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
400
V
VRRM
Repetitive Peak Reverse Voltage
400
V
IT(RMS)
RMS on-state current
8
A
IT(AV)
On-state Current Tc=80℃
5.1
A
ITSM
Surge Non-repetitive On-state Current , T=10ms
83
A
PG(AV)
Average Gate Power
0.4
W
di/dt
Repetitive Rate of Rise of On-state Current after Triggering
100
A/us
I2t
I2t for fusing t= 8.3 ms
41
A2S
IGM
Peak Gate Current tp=20us, Tj=125℃
2
A
Tj
Operating Junction Temperature
-40 ~+125
Tstg
Storage Temperature
-40 ~+150


Similar Part No. - S4008LS2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S4008LS2 LITTELFUSE-S4008LS2 Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
S4008LS2 LITTELFUSE-S4008LS2 Datasheet
205Kb / 12P
Sensitive SCRs
logo
List of Unclassifed Man...
S4008LS2 ETC2-S4008LS2 Datasheet
205Kb / 12P
RoHS Compliant
logo
Littelfuse
S4008LS2 LITTELFUSE-S4008LS2 Datasheet
793Kb / 11P
Excellent unidirectional switches for phase control
S4008LS2TP LITTELFUSE-S4008LS2TP Datasheet
793Kb / 11P
Excellent unidirectional switches for phase control
More results

Similar Description - S4008LS2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com