Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62801F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TB62801F
Description  Linear CCD Clock Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62801F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TB62801F Datasheet HTML 1Page - Toshiba Semiconductor TB62801F Datasheet HTML 2Page - Toshiba Semiconductor TB62801F Datasheet HTML 3Page - Toshiba Semiconductor TB62801F Datasheet HTML 4Page - Toshiba Semiconductor TB62801F Datasheet HTML 5Page - Toshiba Semiconductor TB62801F Datasheet HTML 6Page - Toshiba Semiconductor TB62801F Datasheet HTML 7Page - Toshiba Semiconductor TB62801F Datasheet HTML 8Page - Toshiba Semiconductor TB62801F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TB62801F
2006-06-13
3
Truth Table
Input
Output
L
H
H
2B_ out
L
L
L
2B_in
H
2B_out
H
L
L
CP_in
H
CP_out
H
L
L
H
φ
H
L
H
CK_in
H
φ
L
L
L
SH_in
H
SH_out
H
L
L
RS_in
H
RS_out
H
Absolute Maximum Ratings (Ta
= 25°C)
Characteristic
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5 to 7.0
V
Input voltage
VIN
−1.2 to
VCC+0.5
V
Output voltage
VO
−0.5 to VCC
V
Input clamp diode current (Vi < 0)
IIK
−50
mA
Output clamp diode current (VO < 0)
IOK
−50
mA
High level
IOH (O/ O)
−16.0
mA
Output current
excluding other
than
φ, φ outputs Low level
IOL (O/ O )
16.0
mA
High level
IOH (
φ/ φ )
−100
mA
φ output current
Low level
IOL (
φ/ φ )
150
mA
Operating temperature
Topr
−25 to 60
℃
Storage temperature
Tstg
−40 to 100
℃
Junction temperature
Tj
150
℃
Power dissipation
PD
1.5
W
Note: Output current is specified as follows: VOH = 4.0 V, VOL = 0.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com