Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLR Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PLR
Description  PLR SeriesPlanar Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PLR Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PLR Datasheet HTML 1Page - Bourns Electronic Solutions PLR Datasheet HTML 2Page - Bourns Electronic Solutions PLR Datasheet HTML 3Page - Bourns Electronic Solutions PLR Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLR Series – Planar Transformer
Product Dimensions
7
4
1
3
16.8
(.661)
MAX.
TOP VIEW
FRONT VIEW
SIDE VIEW
BOTTOM VIEW
23.0
(.906)
MAX.
34.0 ± 0.3
(1.339 ± .012)
16.0 ± 0.5
(.630 ± .020)
1.6 ± 0.16
(.063 ± .006)
3.2 ± 0.2
(.126 ± .008)
2.0 ± 0.2
(.079 ± .008)
10.5 ± 0.2
(.413 ± .008)
1.27 ± 0.2
(.050 ± .008)
PIN 1
GLUE
TAPE
1.27 ± 0.4
(.050 ± .016)
4.1 ± 0.2
(.161 ± .008)
7.04 ± 0.41
(.277 ± .016)
2.5 +0.4/-0.3
(.098 +.016/-.012)
DIMENSIONS:
MM
(INCHES)
Unless otherwise specified, all tolerances are ± 0.25 / (.010)
Lead-Free Soldering Profile
30
240
220
200
180
160
140
120
100
80
60
40
20
60
90
120
150
180
210
240
270
300
330
360
Time (Seconds)
Preheating
Soldering
Natural
Cooling
Cool Down
1.5 - 3
°C/sec.
T1
t1
t2
T2
T3
T3
t3
T4
29.0
(1.142)
4.1
(.161)
3.2
(.126)
10.5
(.413)
1.8
(.071) 7 PLCS.
34.8
(1.370)
4
7
3
1
Preheating
Soldering
Peak
Temp.
Time
Temp.
Time
Temp.
Time
T1
T2
t1
T3
t2
T4
t3
140 °C 180 °C 60-120
sec�
220 °C 40-70
sec�
240-
250 °C
5 sec.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
DIMENSIONS:
MM
(INCHES)
Recommended Layout



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com