Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MP01FK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7MP01FK
Description  Low-Voltage Triple Gate(6-input AND 4-input OR inverter)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MP01FK Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7MP01FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC7MP01FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MP01FK
Low-Voltage Triple Gate(6-input AND + 4-input OR + inverter)
The TC7MP01FK is a high-performance CMOS triple gate
(6-input AND + 4-input OR + inverter). Desinged for use in
1.8 V, 2.5 V, or 3.3 V systems, it achieves high-speed operation
while maintaining the CMOS low power dissipation.
It is also designed with overvoltage tolerant inputs and outputs
up to 3.6V.
All inputs are equipped with protection circuits against static
discharge.
Features
• Low-voltage operation
: VCC = 1.65 to 3.6V
• Quiescent supply current : ICC = 2μA(max)(Vcc=3.6V)
• High-speed operation
: 6 input AND
tpd=3.7ns(max)(Vcc=3.3±0.3V)
tpd=5.5ns(max)(Vcc=2.5±0.2V)
tpd=11.0ns(max)(Vcc=1.8±0.15V)
4 input OR
tpd=3.5ns(max)(Vcc=3.3±0.3V)
tpd=5.0ns(max)(Vcc=2.5±0.2V)
tpd=10.0ns(max)(Vcc=1.8±0.15V)
INV.
tpd=3.8ns(max)(Vcc=3.3±0.3V)
tpd=5.2ns(max)(Vcc=2.5±0.2V)
tpd=9.5ns(max)(Vcc=1.8±0.15V)
• Output current
: IOH/IOL=±12mA
(min)(Vcc=3.0V)
: IOH/IOL=±9mA(min)(Vcc=2.3V)
: IOH/IOL=±2mA(min)(Vcc=1.65V)
• Latch-up performance
:
±300mA
• ESD performance
: Machine model
≥ ±200 V
Human body model
≥ ±2000 V
• Ultra-small package
: VSSOP(US16)
• Power-down protection provided on all inputs and outputs.
Weight : 0.03 g (typ.)


Similar Part No. - TC7MP01FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MP245FK TOSHIBA-TC7MP245FK Datasheet
264Kb / 12P
Low-Voltage/Low-Power Octal Bus Transceiver with Bus-hold
TC7MP245FTG TOSHIBA-TC7MP245FTG Datasheet
264Kb / 12P
Low-Voltage/Low-Power Octal Bus Transceiver with Bus-hold
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
TC7MP3125FTG TOSHIBA-TC7MP3125FTG Datasheet
332Kb / 23P
Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
More results

Similar Description - TC7MP01FK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4075 PHILIPS-74HC4075 Datasheet
32Kb / 5P
Triple 3-input OR gate
December 1990
logo
STMicroelectronics
HCF4086B STMICROELECTRONICS-HCF4086B Datasheet
258Kb / 8P
EXPANDABLE 4-WIDE 2-INPUT AND-OR INVERTER GATE
Sep-2002
logo
Toshiba Semiconductor
TC74HC4075AP TOSHIBA-TC74HC4075AP Datasheet
176Kb / 4P
TRIPLE 3-INPUT OR GATE
logo
STMicroelectronics
HCF4075B STMICROELECTRONICS-HCF4075B Datasheet
139Kb / 7P
TRIPLE 3 INPUT OR GATE
2001-Sep
logo
NXP Semiconductors
100117 PHILIPS-100117 Datasheet
253Kb / 5P
Triple 1-2-2 Input OR-AND/OR-AND-INVERTER Gate
June 14 1990
logo
National Semiconductor ...
MM54HC4075 NSC-MM54HC4075 Datasheet
113Kb / 4P
Triple 3-Input OR Gate
logo
Texas Instruments
74ACT11802 TI-74ACT11802 Datasheet
64Kb / 5P
TRIPLE 4-INPUT OR/NOR GATE
74ACT11802 TI1-74ACT11802_09 Datasheet
77Kb / 5P
TRIPLE 4-INPUT OR/NOR GATE
logo
Nexperia B.V. All right...
74HC4075-Q100 NEXPERIA-74HC4075-Q100 Datasheet
219Kb / 12P
Triple 3-input OR gate
74HCT4075 NEXPERIA-74HCT4075 Datasheet
200Kb / 11P
Triple 3-input OR gate
Rev. 4 - 4 February 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com