Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MP97FK Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC7MP97FK
Description  Low Voltage Triple Configurable Multiple Function Gate with 3.6 V Tolerant Inputs and Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MP97FK Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC7MP97FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 9Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 10Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TC7MP97,98FT/FK
2007-10-19
7
Electrical Characteristics
DC Characteristics (Ta
= −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.2
1.10
1.4
1.20
1.65
1.35
2.3
1.70
3.0
2.00
H-level
VP
⎯
3.6
2.20
V
1.2
0.10
1.4
0.20
1.65
0.30
2.3
0.50
3.0
0.70
Input voltage
L-level
VN
⎯
3.6
0.80
V
1.2
0.2
0.9
1.4
0.2
0.9
1.65
0.2
0.95
2.3
0.3
1.0
3.0
0.3
1.2
Hysteresis voltage
VH
⎯
3.6
0.3
1.2
V
IOH = −100 μA
1.2~1.3
Vcc - 0.1
⎯
IOH = −500 μA
1.4~1.6
Vcc - 0.2
⎯
IOH = −1.5 mA
1.65~1.95
Vcc - 0.3
⎯
IOH = −4.0 mA
2.3~2.7
Vcc - 0.4
⎯
H-level
VOH
VIN = VIH or VIL
IOH = −8.0 mA
3.0~3.6
2.40
⎯
IOL = 100 μA
1.2~1.3
⎯
0.10
IOL = 500 μA
1.4~1.6
⎯
0.20
IOL = 3.0 mA
1.65~1.95
⎯
0.25
IOL = 4.0 mA
2.3~2.7
⎯
0.40
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 8.0 mA
3.0~3.6
⎯
0.40
V
Input leakage current
IIN
VIN = 0~3.6 V
1.2~3.6
⎯
±5.0
μA
Power-off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
⎯
10.0
μA
VIN = VCC or GND
1.2~3.6
⎯
20.0
Quiescent supply current
ICC
VCC <= VIN <= 3.6 V
1.2~3.6
⎯
±20.0
Increase in ICC per input
ΔICC
VIH = VCC − 0.6 V
2.7~3.6
⎯
750
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com