Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MP98FT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7MP98FT
Description  Low Voltage Triple Configurable Multiple Function Gate with 3.6 V Tolerant Inputs and Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MP98FT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7MP98FT Datasheet HTML 1Page - Toshiba Semiconductor TC7MP98FT Datasheet HTML 2Page - Toshiba Semiconductor TC7MP98FT Datasheet HTML 3Page - Toshiba Semiconductor TC7MP98FT Datasheet HTML 4Page - Toshiba Semiconductor TC7MP98FT Datasheet HTML 5Page - Toshiba Semiconductor TC7MP98FT Datasheet HTML 6Page - Toshiba Semiconductor TC7MP98FT Datasheet HTML 7Page - Toshiba Semiconductor TC7MP98FT Datasheet HTML 8Page - Toshiba Semiconductor TC7MP98FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC7MP97,98FT/FK
2007-10-19
2
Pin Assignment (top view)
Truth Table
OUTPUT
INPUTS
TC7MP97
TC7MP98
A
B
C
Y
Y
L
L
L
L
H
L
L
H
L
H
L
H
L
H
L
L
H
H
L
H
H
L
L
L
H
H
L
H
H
L
H
H
L
H
L
H
H
H
H
L
VCC
9
1C
1Y
2C
8
14
13
12
11
10
1A
1
2
3
4
5
6
7
2B
3A
3B
GND
2Y
3C
3Y
(top view)
1B
2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com