Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1213-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # 2SA1213-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SA1213-HF Datasheet(HTML) 2 Page - Comchip Technology

  2SA1213-HF Datasheet HTML 1Page - Comchip Technology 2SA1213-HF Datasheet HTML 2Page - Comchip Technology 2SA1213-HF Datasheet HTML 3Page - Comchip Technology 2SA1213-HF Datasheet HTML 4Page - Comchip Technology 2SA1213-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
General Purpose Transistor
Comchip Technology CO., LTD.
REV:A
Page 2
QW-JTR174
Symbol
Parameter
Conditions
Min
Max
Unit
Electrical Characteristics (at TA=25°C unless otherwise noted)
Collector-base breakdown voltage
-100
IC = -0.1mA, IE = 0
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Emitter cut-off current
DC current gain
Collector-emitter saturation voltage
Base-emitter saturation voltage
Collector output capacitance
IC = -10mA, IB = 0
IE = -0.1mA, IC = 0
VCB = -50V, IE = 0
VEB = -5V, IC = 0
VCE = -2V, IC = -500mA
IC = -1A, IB = -50mA
IC = -1A, IB = -50mA
VCB = -10V, IE = 0, f = 1MHz
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
IEBO
hFE
VCE(sat)
VBE(sat)
Cob
-50
-50
-5
-100
240
70
-0.5
-1.2
40
V
V
V
nA
nA
V
V
pF
Part No.
Range
2SA1213O-HF
70-140
120-240
2SA1213Y-HF
Classification Of hFE
Transition frequency
VCE = -2V, IC = -0.5A
fT
100
MHZ
VCE = -2V, IC = -2A
20
Typ
Typical Rating and Characteristic Curves (2SA1213-HF Series)
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
-0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-0
-200
-400
-600
-800
-1000
Fig.2 - hFE ― IC
-1
-10
-100
-1000 -2000
10
100
1000
IB= -600µA
-1.2mA
-1.8mA
-2.4mA
-3mA
-3.6mA
-4.2mA
-4.8mA
-5.4mA
-6mA
Common emitter
Ta=25°C
Collector Current, IC (mA)
Common emitter
VCE= -2V
Ta=100°C
Ta=25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com