Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2412R-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # 2SC2412R-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SC2412R-HF Datasheet(HTML) 2 Page - Comchip Technology

  2SC2412R-HF Datasheet HTML 1Page - Comchip Technology 2SC2412R-HF Datasheet HTML 2Page - Comchip Technology 2SC2412R-HF Datasheet HTML 3Page - Comchip Technology 2SC2412R-HF Datasheet HTML 4Page - Comchip Technology 2SC2412R-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RATING AND CHARACTERISTIC CURVES (2SC2412R-HF)
General Purpose Transistor
300
10
100
Collector Current, Ic (mA)
Fig.3 - VCEsat — IC
β = 10
0.1
1
10
100150
Ta=100°C
Collector Current, Ic (mA)
400
800
700
600
Fig.4 - VBEsat — IC
500
Ta=100°C
Page 2
REV A
:
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Reverse Voltge, (V)
Fig.6 - Cob/Cib — VCB/VEB
50
10
1
10
20
1
0.1
Collector Current, Ic (mA)
Fig.2 - hFE — IC
Ta=100°C
0.1
1
10
500
100
10
Ta=25°C
100
COMMON EMITTER
VCE=6V
β = 10
Ta= 25°C
150
100
10
1
300
600
1200
0
900
Fig.5 - VBE — IC
Base - Emitter Voltage, VBE (V)
Ta=100°C
Ta=25°C
COMMON EMITTER
VCE=6V
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
0
3
4
5
4
8
12
16
20
COMMON
EMITTER
Ta=25°C
0
20μA
IB=2μA
18μA
16μA
14μA
12μA
10μA
8μA
6μA
4μA
2
1
Fig.1 - VCE — IC
150
Ta=25°C
900
1000
0.1
1
10
100150
Cib
Cob
f=1MHZ
IE=0/IC=0
Ta=25°C
QW-JTR17



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com