Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1898P-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # 2SD1898P-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SD1898P-HF Datasheet(HTML) 2 Page - Comchip Technology

  2SD1898P-HF Datasheet HTML 1Page - Comchip Technology 2SD1898P-HF Datasheet HTML 2Page - Comchip Technology 2SD1898P-HF Datasheet HTML 3Page - Comchip Technology 2SD1898P-HF Datasheet HTML 4Page - Comchip Technology 2SD1898P-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
General Purpose Transistor
Comchip Technology CO., LTD.
Page 2
QW-JTR136
Rating and Characteristic Curves (2SD1898-HF Series)
REV:B
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Parameter
Conditions
Max
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Emitter cut-off current
1
V
V
V
µA
V(BR)CEO
V(BR)CBO
V(BR)EBO
IEBO
IC = 1mA, IB = 0
IC = 50μA, IE = 0
IE = 50μA, IC = 0
Min
120
80
5
DC current gain
1
390
VEB = 4V, IC = 0
hFE
82
Collector cut-off current
ICBO
VCB = 100V, IE = 0
VCE = 3V, IC = 0.5A
µA
Collector-emitter saturation voltage
VCE(sat)
IC = 500mA, IB = 20mA
Transition frequency
fT
VCE = 10V, IC = -50mA, f = 100MHz
100
MHz
Collector output capacitance
Cob
VCB = 10V, IE = 0, f = 1MHz
V
pF
20
Typ
Classification of hFE(1)
Rank
Range
82-180
120-270
180-390
2SD1898P-HF
2SD1898Q-HF
2SD1898R-HF
0.15
0.4
Base to Emitter Voltage, VBE (V)
Collector to Emitter Voltage, VCE (V)
1000
Fig.1 - Grounded Emitter Propagation
Characteristics
0
0.4
0.8
2.0
100
10
0.4
1.2
0
0.2
0.8
0.6
Fig.2 - Grounded Emitter Output
Characteristics
0
10
8
12
1.2
1.6
0.1
1
Ta=25°C
VCE=5V
2
6
4
1.0
Ta=25°C
IB=0mA
1mA
2mA
3mA
4mA
5mA
6mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com