Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC574 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC574
Description  High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC574 Datasheet(HTML) 6 Page - Texas Instruments

  CD54HC574 Datasheet HTML 1Page - Texas Instruments CD54HC574 Datasheet HTML 2Page - Texas Instruments CD54HC574 Datasheet HTML 3Page - Texas Instruments CD54HC574 Datasheet HTML 4Page - Texas Instruments CD54HC574 Datasheet HTML 5Page - Texas Instruments CD54HC574 Datasheet HTML 6Page - Texas Instruments CD54HC574 Datasheet HTML 7Page - Texas Instruments CD54HC574 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Output Enable to Q
tPZL,tPZH
CL = 50pF
2
-
-
150
-
190
-
225
ns
4.5
-
-
30
-
38
-
45
ns
CL = 15pF
5
-
12
-
-
-
-
-
ns
CL = 50pF
6
-
-
26
-
33
-
38
ns
Maximum Clock Frequency
fMAX
CL = 15pF
5
-
60
-
-
-
-
-
MHz
Output Transition Time
tTHL, tTLH
CL = 50pF
2
-
-
60
-
75
-
90
ns
4.5
-
-
12
-
15
-
18
ns
6
-
-
10
-
13
-
15
ns
Input Capacitance
CI
CL = 50pF
-
10
-
10
-
10
-
10
pF
Three-State Output
Capacitance
CO
-
-
20
-
20
-
20
-
20
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
CL = 15pF
5
-
39
-
-
-
-
-
pF
HCT TYPES
Propagation Delay
tPHL, tPLH
Clock to Output
CL = 50pF
4.5
-
-
33
-
41
-
50
ns
CL = 15pF
5
-
15
-
-
-
-
-
ns
Output Disable to Q
tPLZ,tPHZ
CL = 50pF
4.5
-
-
28
-
35
-
42
ns
CL = 15pF
5
-
11
-
-
-
-
-
ns
Output Enable to Q
tPZL,tPZH
CL = 50pF
4.5
-
-
30
-
38
-
45
ns
CL = 15pF
5
-
12
-
-
-
-
-
ns
Maximum Clock Frequency
fMAX
CL = 15pF
5
-
60
-
-
-
-
-
MHz
Output Transition Time
tTLH, tTHL
CL = 50pF
4.5
-
-
12
-
15
-
18
ns
Input Capacitance
CI
CL = 50pF
-
10
-
10
-
10
-
10
pF
Three-State Output
Capacitance
CO
-
-
20
-
20
-
20
-
20
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
CL = 15pF
5
-
47
-
-
-
-
-
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per package.
4. PD =CPD VCC
2 f
i + ∑ VCC
2 f
O CL where fi = Input Frequency, fO = Output Frequency, CL = Output Load Capacitance, VCC = Supply
Voltage.
Switching Specifications CL = 50pF, Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54/74HC374, CD54/74HCT374, CD54/74HC574, CD54/74HCT574



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com